Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003-MC1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HS3003-MC1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-MC1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HS3003-MC1 Datasheet HTML 6Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 7Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 8Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 9Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 10Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 11Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 12Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 13Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
HS300x-MC1 Datasheet
R36DS0018EU0101 Rev.1.01
Jul 12, 2022
Page 10
4.2
Temperature Sensor Accuracy Graphs
The typical and maximum temperature sensor accuracy tolerances are shown in the following figures.
Figure 10. HS3001-MC1/HS3002-MC1 Temperature
Sensor Accuracy Tolerance
Figure 11. HS3003-MC1 Temperature Sensor Accuracy
Tolerance
Figure 12. HS3004-MC1 Temperature Sensor Accuracy
Tolerance
5.
Sensor Interface
The HS300x-MC1 series sensor uses a digital I2C-compatible communication protocol. To accommodate
multiple devices, the protocol uses two bi-directional open-drain lines: the Serial Data Line (SDA) and the Serial
Clock Line (SCL). Pull-up resistors to VDD are required. Several slave devices can share the bus; however only
one master device can be present on the line.
5.1
I2C Features and Timing
The HS300x-MC1 series sensor operates as a slave device on the I2C bus with support for 100kHz and 400kHz
bit rates. Each transmission is initiated when the master sends a 0 START bit (S), and the transmission is
terminated when the master sends a 1 STOP bit (P). These bits are only transmitted while the SCL line is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com