Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003-ML1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HS3003-ML1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-ML1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HS3003-ML1 Datasheet HTML 1Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 2Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 3Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 4Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 5Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 6Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 7Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 8Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
HS300x-ML1 Datasheet
R36DS0016EU0001 Rev.0.01
Nov 8, 2021
Page 5
2.
Specifications
2.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
Table 1. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
Analog Supply Voltage
-0.3
6.0
V
Storage Temperature Range
-55
125
°C
2.2
Recommended Operating Conditions
Important note: The HS300x-ML1 series sensors are optimized to perform best in the more common
temperature and humidity ranges of 10°C to 50°C and 20% RH to 80% RH, respectively. If operated outside of
these conditions for extended periods, especially at high humidity levels, the sensors may exhibit an offset. In
most cases, this offset is temporary and will gradually disappear once the sensor is returned to normal
temperature and humidity conditions. The amount of the shift and the duration of the offset vary depending on
the duration of exposure and the severity of the relative humidity and temperature conditions. The time needed
for the offset to disappear can also be decreased by using the procedures described in “Storage and Handling”.
Table 2. Recommended Operating Conditions
Parameter
Condition
Minimum
Typical
Maximum
Unit
Operating Supply Voltage
3.3
5.5
V
Extended Operating Supply
Voltage
Operating temperature from -20 to 125°C
1.8
5.5
V
Operating Humidity Range
0
100
%RH
Operating Temperature, Sensor
HS300x sensor only
-40
125
°C
Operating Temperature, Board
Limited to module connector
-20
85
°C
Sleep Current
Sleep Mode
-40 to 85°C
0.6
1
µA
-40 to 125°C
1
3
Average Current [ 1]
One RH + temperature
measurement/second
8-bit resolution
1.0
1.5
1.7
µA
10-bit resolution
2.0
2.6
2.8
12-bit resolution
5.5
7.0
7.1
14-bit resolution
20.1
24.4
24.4
Measurement Time
Wake-up
0.10
ms
Humidity or
temperature including
the digital
compensation
8-bit resolution
0.55
10-bit resolution
1.31
12-bit resolution
4.50
14-bit resolution
16.90
1.
Minimum, typical, and maximum average currents are given at 1.8V, 3.3V, and 5.5V VDD, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com