Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003-ML1 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HS3003-ML1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-ML1 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HS3003-ML1 Datasheet HTML 8Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 9Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 10Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 11Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 12Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 13Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 14Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 15Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
HS300x-ML1 Datasheet
R36DS0016EU0001 Rev.0.01
Nov 8, 2021
Page 12
5.6
Data Fetch (DF)
At the end of a measurement cycle, valid data can be fetched. The status bits of the DF results can be used to
detect if the data is valid or stale (see “Status Bits”); otherwise, wait for the measurements to complete before
performing the DF.
The DF command starts with the 7-bit slave address followed by an eighth bit = 1 (READ). The HS300x-ML1 as
a slave sends an acknowledge (ACK) indicating success.
The number of data bytes returned by the HS300x-ML1 is determined by when the master sends the NACK and
STOP condition. The full 14 bits of the humidity data are fetched in the first two bytes. The two MSBs of the first
byte are the status bits.
The 14 bits of temperature data follow the humidity data. The last two bits (LSBs) of the fourth data byte are
undetermined and should be masked off. In the event that the temperature data is not needed, the read can be
terminated by sending a NACK after the second byte.
Alternatively, if only 8-bit resolution is desired for the temperature output, the read can be terminated after the 3rd
byte by issuing a NACK followed by a stop bit. The measurement time depends on the configured sensor
resolution. The following table lists examples when the resolutions for the relative humidity and temperature
measurements are the same. For different relative humidity and temperature resolution settings, the
measurement times in 3 should be used, along with the 0.1ms wake-up time.
For example, an 8-bit relative humidity measurement and a 12-bit temperature measurement results in a total
measurement time of:
0.1 ms + 0.55 ms + 4.5 ms = 5.15 ms.
RH+T measurement times (including wake-up time) at different resolution settings.
Resolution[1] (Bits)
Measurement Time (ms)
8
1.20
10
2.72
12
9.10
14
33.90
1.
Same resolutions are assumed for both relative humidity and temperature.
Figure 16. Data Fetch
Device Slave Address [6:0]
Humidity Data [13:8]
Humidity Data [7:0]
Humidity Data [13:8]
Humidity Data [7:0]
Temp. Data [15:8]
Slave Address Bit (MSB first)
Commandor Data Bit (Example: Bit 2)
Status Bit
Start Condition
Stop Condition
Acknowledge (ACK)
Not Acknowledge
Read/Write
(NACK)
(Read = 1)
S
S
R
N
Wait for
Slave ACK
Master ACK
Master ACK
Master NACK
14 13
11
12
10
8
9
A
6 5
7
3
4
2
N
1 0
S
1
S
0 0
1
0
0
R
(1)
0
A 15
1
S
0
1 0
R
(1)
0
A
14 13
15
11
12
10
8
9
A
6 5
7
3
4
2
A
1 0
14 13
15
11
12
10
A
9 8
0
0
Device Slave Address [6:0]
A
2
Temp. Data [7:2]
6 5
7
3
4
2
S
N
1 0
Mask [1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com