Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHT3006LFJ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMHT3006LFJ
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHT3006LFJ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMHT3006LFJ Datasheet HTML 1Page - Diodes Incorporated DMHT3006LFJ Datasheet HTML 2Page - Diodes Incorporated DMHT3006LFJ Datasheet HTML 3Page - Diodes Incorporated DMHT3006LFJ Datasheet HTML 4Page - Diodes Incorporated DMHT3006LFJ Datasheet HTML 5Page - Diodes Incorporated DMHT3006LFJ Datasheet HTML 6Page - Diodes Incorporated DMHT3006LFJ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMHT3006LFJ
Datasheet number: DS40627 Rev. 3 - 2
1 of 7
www.diodes.com
September 2018
© Diodes Incorporated
DMHT3006LFJ
30V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
30V
10m
Ω @ VGS = 10V
13A
15m
Ω @ VGS = 4.5V
11A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)), yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
High-Efficiency Bridge Rectifiers
Features
Low On-Resistance
Low Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: V-DFN5045-12
Case Material: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.056grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Quantity per Reel
DMHT3006LFJ-13
V-DFN5045-12 (Type C)
3000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Gre
en‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Internal Schematic
Top View
V-DFN5045-12 (Type C)
Bottom View
Top View
e4
T306LJ
YY WW
= Manufacturer’s Marking
T306LJ = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 18 = 2018)
WW = Week (01 to 53)
D2
D3
D4
D1
G1
D1
S1/D2
G2
S2
S2
G4
D4
S4/D3
G3
S3
S3
Pin 1
S3
S3
G3
S4/D3
D4
G4
S2
S2
G2
S1/D2
D1
G1
6
5
4
3
2
1
7
8
9
10
11
12
Q4
Q1
Q3
Q2


Similar Part No. - DMHT3006LFJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHT10H032LFJ DIODES-DMHT10H032LFJ Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
June 2020 Rev. 2 - 2
DMHT10H032LFJ-13 DIODES-DMHT10H032LFJ-13 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
June 2020 Rev. 2 - 2
DMHT6016LFJ DIODES-DMHT6016LFJ Datasheet
417Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
DMHT6016LFJ-13 DIODES-DMHT6016LFJ-13 Datasheet
417Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
More results

Similar Description - DMHT3006LFJ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3F381N8 DIODES-ZXMHC3F381N8 Datasheet
738Kb / 11P
30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
APRIL 2004
DMHC3025LSD DIODES-DMHC3025LSD Datasheet
373Kb / 9P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
DMHC3025LSDQ DIODES-DMHC3025LSDQ Datasheet
349Kb / 9P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 1
DMHT6016LFJ DIODES-DMHT6016LFJ Datasheet
417Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
DMHT10H032LFJ DIODES-DMHT10H032LFJ Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com