Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVMQ Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # PVMQ
Description  2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction quadrant detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

PVMQ Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  PVMQ Datasheet HTML 1Page - VIGO Photonics S.A. PVMQ Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PVMQ HgCdTe quadrant detector datasheet
P a g e | 1
09/11/2020
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
PVMQ
2.0 – 12.0 µm HgCdTe ambient temperature photovoltaic multiple junction
quadrant detector
PVMQ is uncooled IR phtovoltaic multiple junction quadrant detector based on sophisticated HgCdTe heterostructures for the best
performance and stability. Quadrant detector consists of four separate active elements arranged in a quadrant geometry. The device is
optimized for the maximum performance at 10.6 µm. The main application of PVMQ detector is laser beam profiling and positioning.
Spectral response (Ta = 20°C)
Exemplary spectral detectivity, the spectral response of delivered devices may differ.
Specification (Ta = 20°C)
Parameter
Detector type
PVMQ-10.6
Active elements material
epitaxial HgCdTe heterostructure
Optimu, wavelength λopt, µm
10.6
Detectivity D*(λpeak), cm·Hz1/2/W
≥2.0×107
Detectivity D*(λopt), cm·Hz1/2/W
≥1.0×107
Current responsivity Ri(λopt), A/W
≥0.002
Time constant τ, ns
≤1.5
Resistance R, Ω
30 to 150
Active area of single element A, mm×mm
1×1
Distance between elements, µm
200
Package
TO8
Acceptance angle Φ
~70°
Window
none
1E+06
1E+07
1E+08
2
3
4
5
6
7
8
9
10
11
12
Wavelength, µm
PVMQ-10.6


Similar Part No. - PVMQ

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PVM EATON-PVM Datasheet
715Kb / 2P
PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
logo
VIGO Photonics S.A.
PVM VIGO-PVM Datasheet
695Kb / 2P
2.0 – 13.0 μm HgCdTe ambient temperature photovoltaic multiple junction detectors
09/11/2020
logo
Cooper Bussmann, Inc.
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
Eaton All Rights Reserv...
PVM-10 EATON-PVM-10 Datasheet
715Kb / 2P
PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
logo
VIGO Photonics S.A.
PVM-10.6 VIGO-PVM-10.6 Datasheet
695Kb / 2P
2.0 – 13.0 μm HgCdTe ambient temperature photovoltaic multiple junction detectors
09/11/2020
More results

Similar Description - PVMQ

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PCQ VIGO-PCQ Datasheet
660Kb / 2P
1.0 – 12.0 μm HgCdTe ambient temperature photoconductive quadrant detector
19/02/2021
PEM VIGO-PEM Datasheet
737Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
PEMI VIGO-PEMI Datasheet
744Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoelectromagnetic detectors
09/11/2020
MICROM-10.6 VIGO-MICROM-10.6 Datasheet
683Kb / 2P
2.0 – 12.0 μm and DC – 10 MHz HgCdTe micro-size IR detection module with photovoltaic multiple junction detector
09/11/2020
PVM-10.6-1 VIGO-PVM-10.6-1 Datasheet
669Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction detector
08/11/2020
PVM-2TE VIGO-PVM-2TE Datasheet
763Kb / 2P
2.0 – 12.0 μm HgCdTe two-stage thermoelectrically cooled photovoltaic multiple junction detectors
06/12/2021
PVM VIGO-PVM Datasheet
695Kb / 2P
2.0 – 13.0 μm HgCdTe ambient temperature photovoltaic multiple junction detectors
09/11/2020
PVMI VIGO-PVMI Datasheet
699Kb / 2P
2 – 12 μm HgCdTe ambient temperature, optically immersed photovoltaic multiple junction detectors
25/09/2020
QM-10.6 VIGO-QM-10.6 Datasheet
880Kb / 2P
3.0 – 12.0 μm and DC – 1 MHz HgCdTe four-channel IR detection module with photovoltaic quadrant geometry multiple junction detector
16/08/2021
UM-10.6 VIGO-UM-10.6 Datasheet
803Kb / 2P
2.0 – 12.0 μm and DC – 70 MHz HgCdTe universal IR detection module with photovoltaic multiple junction detector
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com