Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVMQ Datasheet(PDF) 2 Page - VIGO Photonics S.A.

Part # PVMQ
Description  2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction quadrant detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

PVMQ Datasheet(HTML) 2 Page - VIGO Photonics S.A.

  PVMQ Datasheet HTML 1Page - VIGO Photonics S.A. PVMQ Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PVMQ HgCdTe quadrant detector datasheet
P a g e | 2
09/11/2020
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
Mechanical layout, mm
Φ – acceptance angle
Bottom view
Top view
Function
Pin number
Detector 1
12
Detector 2
10
Detector 3
6
Detector 4
4
Common
1, 7
Chassis ground
11
Not used
2, 3, 5, 8, 9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com