Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLEB28S2RF Datasheet(PDF) 6 Page - ITT Industries

Part # SLEB28S2RF
Description  Snap-Lock Environmentally Sealed - Rectangular
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEB28S2RF Datasheet(HTML) 6 Page - ITT Industries

Back Button SLEB28S2RF Datasheet HTML 2Page - ITT Industries SLEB28S2RF Datasheet HTML 3Page - ITT Industries SLEB28S2RF Datasheet HTML 4Page - ITT Industries SLEB28S2RF Datasheet HTML 5Page - ITT Industries SLEB28S2RF Datasheet HTML 6Page - ITT Industries SLEB28S2RF Datasheet HTML 7Page - ITT Industries SLEB28S2RF Datasheet HTML 8Page - ITT Industries SLEB28S2RF Datasheet HTML 9Page - ITT Industries SLEB28S2RF Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
25
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Snap-Lock Environmentally Sealed - Rectangular
Receptacle, In-line (Cable-to-Cable)
Cannon SLE
90° Left and Right
Straight
Screwlock
Note: Receptacles are supplied with endbell assemblies.
SLEB
SLEB
SLEB
SLEB
SLEB
SLEB
SLEB
SLEB
SLEC
SLEC
SLEC
SLEC
SLEC
SLEC
SLEC
SLEC
19
19
19
19
19
19
19
19
28
28
28
28
28
28
28
28
130408-0000*
130408-0001*
130408-0002*
130408-0003*
130408-0004*
130408-0010*
130408-0011*
130408-0012*
130412-0000
130412-0001
130412-0002
130412-0003
130412-0004
130412-0010
130412-0011
130412-0012
SLEB19P4S
SLEB19P4L
SLEB19P4R
SLEB19P4U
SLEB19P4D
SLEB19P4SG
SLEB19P4UG
SLEB19P4DG
SLEC28P4S
SLEC28P4L
SLEC28P4R
SLEC28P4U
SLEC28P4D
SLEC28P4SG
SLEC28P4UG
SLEC28P4DG
59,44 (2.340)
59,44 (2.340)
59,44 (2.340)
59,44 (2.340)
59,44 (2.340)
59,44 (2.340)
59,44 (2.340)
59,44 (2.340)
76,45 (3.010)
76,45 (3.010)
76,45 (3.010)
76,45 (3.010)
76,45 (3.010)
76,45 (3.010)
76,45 (3.010)
76,45 (3.010)
44,07 (1.735)
44,07 (1.735)
44,07 (1.735)
44,07 (1.735)
44,07 (1.735)
44,07 (1.735)
44,07 (1.735)
44,07 (1.735)
59,31 (2.335)
59,31 (2.335)
59,31 (2.335)
59,31 (2.335)
59,31 (2.335)
59,31 (2.335)
59,31 (2.335)
59,31 (2.335)
50,58 (2.000)
50,58 (2.000)
50,58 (2.000)
50,58 (2.000)
50,58 (2.000)
50,58 (2.000)
50,58 (2.000)
50,58 (2.000)
66,04 (2.600)
66,04 (2.600)
66,04 (2.600)
66,04 (2.600)
66,04 (2.600)
66,04 (2.600)
66,04 (2.600)
66,04 (2.600)
Shell
Number of
E
Size
Contacts
Part Number*
Nomenclature
A Max.
C Max.
D Max.
±0,38 (.015)
F Max.
*Select polarization, see page 23.
55,87 (2.200)
55,87 (2.200)
55,87 (2.200)
55,87 (2.200)
55,87 (2.200)
55,87 (2.200)
55,87 (2.200)
55,87 (2.200)
71,11 (2.800)
71,11 (2.800)
71,11 (2.800)
71,11 (2.800)
71,11 (2.800)
71,11 (2.800)
71,11 (2.800)
71,11 (2.800)
64,25 (2.530)
64,25 (2.530)
64,25 (2.530)
64,25 (2.530)
64,25 (2.530)
64,25 (2.530)
64,25 (2.530)
64,25 (2.530)
79,49 (3.130)
79,49 (3.130)
79,49 (3.130)
79,49 (3.130)
79,49 (3.130)
79,49 (3.130)
79,49 (3.130)
79,49 (3.130)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com