Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLEB28S2RF Datasheet(PDF) 9 Page - ITT Industries

Part # SLEB28S2RF
Description  Snap-Lock Environmentally Sealed - Rectangular
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEB28S2RF Datasheet(HTML) 9 Page - ITT Industries

Back Button SLEB28S2RF Datasheet HTML 5Page - ITT Industries SLEB28S2RF Datasheet HTML 6Page - ITT Industries SLEB28S2RF Datasheet HTML 7Page - ITT Industries SLEB28S2RF Datasheet HTML 8Page - ITT Industries SLEB28S2RF Datasheet HTML 9Page - ITT Industries SLEB28S2RF Datasheet HTML 10Page - ITT Industries SLEB28S2RF Datasheet HTML 11Page - ITT Industries SLEB28S2RF Datasheet HTML 12Page - ITT Industries SLEB28S2RF Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
28
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Socket (use in plugs)
Hooded Socket
Pin (use in receptacles)
Hooded Socket
Reeled
Description
Socket Part Number Reeled
Pin Part Number
Socket Part Number
Number of Contacts
5 A
110238-1016 (030-2480-007)
110238-0446 (030-2464-007)
110238-04888 (030-2480-000)
4,500
13 A
110238-2004 (030-2464-003)
110238-2003 (030-2480-003)
4,000
Sealing Plug
Latch Clip Retainer
Material: Thermoplastic, Color: Natural
Part Number: 225-0093-000
Female Screw Lock
Order 2 per connector
Material: Steel
Finish: Zinc
Part Number: 265-0061-000
Bail Latch For Redundant Latch Applications
SLEB
029-0281-000
SLEC
029-0281-001
Insulation Resistance
Dielectric Withstanding Voltage
Contact Resistance
Low Level Contact Resistance
Crimp Tensile Strength
Contact Retention
Mating Separating Force
Durability
Temperature Life
Mechanical Shock
Maintenance Aging
Vibration
Sand and Dust
Salt and Spray
Humidity
Steam Cleaning/Pressure Wash
MIL-STD-1344
MIL-STD-1344
MIL-STD-1344
MIL-STD-1344
MIL-STD-1344
MIL-STD-1344
MIL-STD-1344
MIL-STD-1344
MIL-STD-202
MIL-STD-202
MIL-STD-1344
MIL-STD-1344
MIL-STD-202
MIL-STD-202
MIL-STD-202
SAE
Method 3003.1
Method 3001.1
Method 3004.1
Method 3002.1
Method 2003.1
Method 2007.1
Method 2013.1
Method 2016
Method 108 Condition D
Method 213 Condition I
Method 2002.1
Method 2005.1 Condition VI 20 Hours/Axis
Method 110
Method 101 Condition A
Method 106
Proposed
Snap-Lock Environmentally Sealed - Rectangular
Contacts, Stamped, 5 and 13 Amp
Cannon SLE
Accessories
Test Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com