Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4113 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HS4113
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4113 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HS4113 Datasheet HTML 1Page - Renesas Technology Corp HS4113 Datasheet HTML 2Page - Renesas Technology Corp HS4113 Datasheet HTML 3Page - Renesas Technology Corp HS4113 Datasheet HTML 4Page - Renesas Technology Corp HS4113 Datasheet HTML 5Page - Renesas Technology Corp HS4113 Datasheet HTML 6Page - Renesas Technology Corp HS4113 Datasheet HTML 7Page - Renesas Technology Corp HS4113 Datasheet HTML 8Page - Renesas Technology Corp HS4113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Datasheet
HS411x
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
R36DS0025EU0102 Rev.1.02
Apr 28, 2022
Page 1
© 2022 Renesas Electronics
The HS411x series is a highly accurate, fully
calibrated automotive-grade relative humidity and
temperature sensor with a hydrophobic membrane.
The membrane makes the HS411x dust resistant
and waterproof. The MEMS sensor features a
proprietary sensor-level protection, ensuring high
reliability and long-term stability.
The high accuracy, fast measurement response time,
and long-term stability combined with the small
package size makes the HS411x series ideal for a
wide number of applications ranging from portable
devices to products designed for harsh
environments.
The HS411x series digital sensor accurately
measures relative humidity and temperature levels.
The measured data is internally corrected and
compensated for accurate operation over a wide
range of temperature and humidity levels – user
calibration is not required.
The HS411x series are digital sensors at their core.
Measurements are then converted to ratio-metric
analog output. This makes the HS411x suitable for
high-noise environment applications.
Physical Characteristics
■
Supply voltage: 1.71V to 3.6V
■
Operating temperature: -40°C to +105°C
■
2.5 × 2.5 × 0.9 mm DFN-style 8-LGA package
Features
■
Humidity range: 0% to 100%RH
■
Automotive grade, AEC-Q100 qualified, Grade 2,
-40°C to +105°C
■
Industrial grade, JEDEC qualified,
-40°C to +105°C
■
Hydrophobic membrane, IP67 rating
■
10% to 90% ratio-metric analog output voltage
■
RH accuracy: ±1.5% RH, typical (HS4111)
■
Fast RH response time: 4 seconds time constant,
typical
■
Temperature sensor accuracy: ±0.2°C, typical
(HS4111, HS4112, -10 to +80°C)
■
Very low current consumption: 92µA average
(3.3V supply)
■
Excellent stability against aging and volatile
compounds
■
Highly robust protection from harsh environmental
conditions and mechanical shock
Applications
■
Climate control systems
■
Instrumentation
■
Home appliances
■
Weather stations
■
Building automation
■
HVAC systems
■
Medical equipment
■
Data logging systems
Product Image


Similar Part No. - HS4113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS4113 RENESAS-HS4113 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
More results

Similar Description - HS4113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS4101 RENESAS-HS4101 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS4111 RENESAS-HS4111 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
HS4011 RENESAS-HS4011 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Jun 6, 2022
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS400X RENESAS-HS400X Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS401X RENESAS-HS401X Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Mar 14, 2023
HS410X RENESAS-HS410X Datasheet
794Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com