Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU310 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LU310
Description  Photo DMOS-FET Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LU310 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LU310 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LU310 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LU310 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LU310 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LU310
Rev.B
Letex Technology Corp.
Photo DMOS-FET Relay
Description
The LU310 is a miniature 2-Form B solid state relay in a 8 pin SOP package that employs optically coupled
MOSFET technology to provide 1500V of input to output isolation. The optically coupled input is controlled by a
highly efficient GaAlAs infrared LED and MOS FETs on the output side.
Features
•SOP package 8 Pin type in miniature design (9.4×4.4×2.0mm / .370×.173×.079inch)
•Low driver power requirements (TTL/CMOS Compatible)
•Contact form: Normally-On (2b)
•Load voltage: 400V max.
•On-Resistance: 50Ω max.
•1500Vrms Input/Output isolation
•Tape & Reel version available
Applications
•Telecommunications (PC, Electronic notepad)
•Measuring and Testing equipment
•Industrial control
•Security equipments
•High speed inspection machine
Outline Dimensions
Unit : mm inch
Tolerance: 0.1 .004
1
2
8
7
1,3. LED Anode
2,4. LED Cathode
5,6. Drain (MOS FET)
7,8. Drain (MOS FET)
4
3
1
2
5
6


Similar Part No. - LU310

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LU3103 VBSEMI-LU3103 Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
LU3105 VBSEMI-LU3105 Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - LU310

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT211SC LETEX-LT211SC Datasheet
156Kb / 5P
Photo DMOS-FET Relay
LT219-2 LETEX-LT219-2 Datasheet
138Kb / 4P
Photo DMOS-FET Relay
LT225 LETEX-LT225 Datasheet
210Kb / 4P
Photo DMOS-FET Relay
LT232 LETEX-LT232 Datasheet
125Kb / 4P
Photo DMOS-FET Relay
LT236 LETEX-LT236 Datasheet
137Kb / 4P
Photo DMOS-FET Relay
LT316 LETEX-LT316 Datasheet
140Kb / 4P
Photo DMOS-FET Relay
LT333 LETEX-LT333 Datasheet
153Kb / 4P
Photo DMOS-FET Relay
LT513 LETEX-LT513 Datasheet
173Kb / 3P
Photo DMOS-FET Relay
LT516 LETEX-LT516 Datasheet
97Kb / 3P
Photo DMOS-FET Relay
LU634 LETEX-LU634 Datasheet
143Kb / 4P
Photo DMOS-FET Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com