Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR3AM Datasheet(PDF) 1 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # CR3AM
Description  Blocking voltage to 600 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

CR3AM Datasheet(HTML) 1 Page - HAOPIN MICROELECTRONICS CO.,LTD

  CR3AM Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD CR3AM Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD CR3AM Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD CR3AM Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching
Blocking voltage to 600 V
On-state RMS current to 4 A
Ultra low gate trigger current
Features
Pin
Description
1
2
3
TAB
Unit
SYMBOL
PARAMETER
Value
VDRM
600
V
ITRMS
4
A
ITSM
25
A
Repetitive peak off-state voltages
RMS on-state current
full sine wave
Non-repetitive peak on-state current
(full cycle,Tj initial=25
)
Simplified outline
Symbol
¼
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
SCRs
TM
HPM
Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.
a
g
k
Cathode
anode
gate
anode
TO-92
123
CR3AM
SYMBOL
PARAMETER
MAX
UNIT
CONDITIONS
TYP
MIN
R
JA
75
-
-
R
JC
Thermal resistance,
Junction to Case
Thermal resistance,
Junction to Ambient
/W
/W
3.0
-
-


Similar Part No. - CR3AM

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
CR3AM KEXIN-CR3AM Datasheet
347Kb / 3P
Silicon Bidirectional Thyristors
logo
Mitsubishi Electric Sem...
CR3AMZ MITSUBISHI-CR3AMZ Datasheet
65Kb / 4P
LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results

Similar Description - CR3AM

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT136S-600D HAOPIN-BT136S-600D Datasheet
299Kb / 5P
Blocking voltage to 600 V
BT137S-600E HAOPIN-BT137S-600E Datasheet
524Kb / 5P
Blocking voltage to 600 V
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
Blocking voltage to 600 V
BTB12-600B HAOPIN-BTB12-600B Datasheet
446Kb / 5P
Blocking voltage to 600 V
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
Blocking voltage to 600 V
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
Blocking voltage to 600 V
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
S6012R HAOPIN-S6012R Datasheet
307Kb / 5P
Blocking voltage to 600 V
BT169 HAOPIN-BT169 Datasheet
211Kb / 4P
Blocking voltage to 600 V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com