Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR3AM Datasheet(PDF) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # CR3AM
Description  Blocking voltage to 600 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

CR3AM Datasheet(HTML) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

  CR3AM Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD CR3AM Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD CR3AM Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD CR3AM Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Limiting values in accordance with the Maximum system(IEC 134)
2/4
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
TM
HPM
SCRs
CR3AM
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
V
DRM
I
T(RMS)
I
T(AV)
It
2
I
I
DRM
RRM
I
GM
V
RGM
P
GM
T
stg
T
j
P
G(AV)
Repetitive peak off-state
Tj=-40 to 110
,sine wave
50 to 60 Hz,gate open
Voltages
RMS on-state current
Average On-state current
Circuit Fusing considerations
Peak repetitive forward or
reverse blocking current
Forward peak gate current
Peak Reverse gate voltage
Peak gate power
Average gate power
Storage temperature
Operating junction
Temperature range
V
V
A
A
A
W
W
180 conduction angles
o
180 conduction angles
o
TC=93
TC=93
Tj=25
Tj=110
t=8.3ms
V
=Rated V
or V
;
R
=1000 Ohms
AK
DRM
RRM
GK
Tc=93
,Pulse Width<=1.0
s
Tc=93
,Pulse Width<=1.0
s
Tc=93
,Pulse Width<=1.0
s
Tc=93
,t=8.3ms
-
-
-
-
-
-
-
-
-
-
-
-
-
-40
-40
110
T =25
unless otherwise stated
J
Static characteristics
I
GT
Dynamic Characteristics
D/dt
V
di/dt
Gate trigger current
Critical rate of rise of
Off-state voltage
Critical Rate-of-Rise of
Off State Current
VAK=7.0Vdc,RL=100 Ohms
UNIT
MAX
TYP
-
-
-
50
10
-
Tj=110
lpk=20A;PW=10
sec;
diG/dt=1A/
sec,lgt=20mA
200
500
-
V
TM
Peak Forward
on-state voltage
ITM=4A
Peak
TC=-40
-
-
2.0
5.0
-
-
V
mA
A
A
AS
2
4
2.55
600
V
GD
V
GT
Non-trigger voltage
Gate trigger voltage
VAK=7.0Vdc,RL=100 Ohms
VAK=12Vdc,RL=100 Ohms,Tj=110
0.2
-
-
-
-
V
1
V
200
-
-
-
0.2
6
0.5
0.1
150
V/ s
-
2.6
10
A
V =7.0Vdc,lnitiating Current=20mA
gate open
AK
I
H
Holding current
s
A/



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com