Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS16 Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # LS16
Description  LS16 RADIAL PIN LOCK SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

LS16 Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  LS16 Datasheet HTML 1Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LS16 RADIAL PIN LOCK SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
3A @125V ac – 2A @250V ac
Life:
>10,000 Cycles
Proof Voltage:
500V dc (Initial)
Insulation Resistance:
>999MΩ @ 500V dc (Initial)
FEATURES
LOCK SWITCH
LS16
Same key or 100 differ key options
Key inserted / removed in both positions
UL Approved
Radial cylinder with 7 pin tumblers
Bright chrome plated zinc alloy die
cast housing
Single pole dual throw
Tapered lock head
Front panel mount
Operating Temperature:
-20°C to +65°C
PANEL PIERCING DETAILS
ORDERING CODE
Order Code
Key Out
Key
LS16-A-S-2
0° & 90°
Same
LS16-A-D-2
0° & 90°
Differ


Similar Part No. - LS16

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS16 CITIZEN-LS16 Datasheet
202Kb / 2P
Non-illuminated/Vertical Type
logo
Power-One
LS1601-7R POWER-ONE-LS1601-7R Datasheet
66Kb / 4P
100 Watt AC-DC Converters
logo
ice Components, Ins.
LS1608 ICE-LS1608 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608 Datasheet
540Kb / 1P
Surface Mount Power Inductors
LS1608-100-RM ICE-LS1608-100-RM Datasheet
174Kb / 1P
Surface Mount Power Inductors
More results

Similar Description - LS16

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SLP-1 RICHCO-SLP-1 Datasheet
19Kb / 1P
SNAP LOCK PIN
logo
Lorlin Electronics Ltd.
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
HRL LORLIN-HRL Datasheet
761Kb / 2P
HRL LOCK SWITCH
LS120 LORLIN-LS120 Datasheet
246Kb / 1P
LS120 LS121 LOCK SWITCH
LS300 LORLIN-LS300 Datasheet
723Kb / 1P
LS300 LOCK SWITCH
SKL LORLIN-SKL Datasheet
253Kb / 1P
SKL LOCK SWITCH
SRL LORLIN-SRL Datasheet
744Kb / 2P
SRL LOCK SWITCH
SRL60 LORLIN-SRL60 Datasheet
751Kb / 2P
SRL60 LOCK SWITCH
SRL90 LORLIN-SRL90 Datasheet
697Kb / 2P
SRL90 LOCK SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com