Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGLS12864T-FSTN-LED05W Datasheet(PDF) 6 Page - Varitronix international limited

Part # MGLS12864T-FSTN-LED05W
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS12864T-FSTN-LED05W Datasheet(HTML) 6 Page - Varitronix international limited

Back Button MGLS12864T-FSTN-LED05W Datasheet HTML 2Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 3Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 4Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 5Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 6Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 7Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 8Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 9Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 10Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
VL-FS-MGLS12864T-73 REV. A
(MGLS12864T-FSTN-LED05W)
JUNE/2003
PAGE 6 OF 14
3. Interface signals
Table 2
Pin No.
Symbol
Description
1
FG
Frame ground (see note 1)
2
VSS
Ground (0V)
3
VDD
Power supply for logic (+5V)
4
V0
Power supply for LCD drive
5
/WR
Command/Data write to module when “Low”
6
/RD
Command/Data read from module when “Low”
7
/CE
Chip enable of controller when “Low”
8
C / D
Command/Data read/write.
“High” for command read/write and
“Low” for data read/write
9
/RST
Controller reset when “Low”
10
DB0
Data input/output (LSB)
11
DB1
Data input/output
12
DB2
Data input/output
13
DB3
Data input/output
14
DB4
Data input/output
15
DB5
Data input/output
16
DB6
Data input/output
17
DB7
Data input/output (MSB)
18
FS
Font select.
“High” for 6 x 8 font &
“Low” for 8 x 8 font.
-
K
Cathode of backlight
-
A
Anode of backlight
Note 1:
This pin is electrically connected to the metal bezel (frame).
User can choose to connect this pin to VSS or leave it open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com