Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGLS12864T-FSTN-LED05W Datasheet(PDF) 8 Page - Varitronix international limited

Part # MGLS12864T-FSTN-LED05W
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS12864T-FSTN-LED05W Datasheet(HTML) 8 Page - Varitronix international limited

Back Button MGLS12864T-FSTN-LED05W Datasheet HTML 4Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 5Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 6Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 7Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 8Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 9Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 10Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 11Page - Varitronix international limited MGLS12864T-FSTN-LED05W Datasheet HTML 12Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
VL-FS-MGLS12864T-73 REV. A
(MGLS12864T-FSTN-LED05W)
JUNE/2003
PAGE 8 OF 14
5. Electrical Specifications
5.1
Typical Electrical Characteristics
At Ta = 25
°C, VDD = 5V±5%, VSS = 0V.
Table 5
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
(Logic)
VDD –VSS
4.75
5.00
5.25
V
Supply voltage
(LCD)
VLCD
=VDD –V0
VDD = 5V,Note 1
9.7
10.2
10.7
V
“H” level
VDD -2.2
-
VDD
V
Input signal voltage VIN
“L” level
0
-
0.8
V
Character mode,
VDD = 5V,Note 1
-
6.5
9.8
mA
Supply current
(Logic & LCD)
IDD
Checker board
mode, VDD = 5V,
Note 1
-
6.6
9.9
mA
Character mode,
VDD = 5V,Note 1
-
2.2
3.3
mA
Supply current
(LCD)
I0
Checker board
mode, VDD = 5V,
Note 1
-
2.2
3.3
mA
Supply voltage of
white LED05
backlight
VLED05
Forward current
=40 mA
Number of LED
dies=1x2=2.
3.1
3.4
3.6
V
Note 1: There is tolerance in optimum LCD driving voltage during production and it will be
within the specified range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com