Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS Datasheet(PDF) 2 Page - Lorlin Electronics Ltd.

Part # RMS
Description  RMS ROTARY MAINS SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

RMS Datasheet(HTML) 2 Page - Lorlin Electronics Ltd.

  RMS Datasheet HTML 1Page - Lorlin Electronics Ltd. RMS Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPTIONAL SPINDLE FLATS
STANARD PART NUMBERS
Basic
Types
A
B
C
D
E
F
Spindle
diameter
Spindle
length
Bush
thread
Spindle
flat
length
Spindle
angle
Spindle
flat
Imperial 6.35mm
55mm
9.52 x 32TPI
No Flat N/a
N/a
Metric
6.0mm
38mm
M10 x0.75 No Flat N/a
N/a
Circuitry
Terminal
layout
viewed from
rear
Terminal
type
Standard
Metric
Switches
Standard
Imperial
Switches
2 pole off-on
Solder
RMS1035
RMS1100
PCB
RMS1130
RMS1159
Circuity
Terminal
layout viewed
from rear of
switch
Terminal
type
Standard
Metric
Switches
Standard
Imperial
Switches
2 pole
changeover
(not
approved)
Solder
RMS1089
RMS1101
PCB
RMS1153
RMS1128
Note: The angle of the spindle flat is shown with the
locating lug at the bottom of the switch, when the
switch is set in the fully anticlockwise position
(position 1) viewed from the knob end of the spindle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com