Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # RMS
Description  RMS ROTARY MAINS SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

RMS Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  RMS Datasheet HTML 1Page - Lorlin Electronics Ltd. RMS Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RMS ROTARY MAINS SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
4/80A @250V ac. R/C
Life:
>15,000 Cycles
10A @12V dc
Operating Temperature:
-25°C to +85°C
Proof Voltage:
3kVac (Initial)
Insulation Resistance:
>999MΩ @ 500Vdc (Initial)
Contact Resistance:
<20mΩ (Initial)
Contact Gap:
>2.5mm (min)
Switch Contacts:
Silver Cadmium Oxide
Terminals:
Brass CZ108, Ag plated
Housing/Bush material:
Polyamide 6.6 G.F. V0 Rated
FEATURES
Approved to EN61058 ENEC (VDE)
Made in UK
Solder or pcb terminals
Double pole single throw
Changeover (non-approved)
45° index angle
Spindle flats (optional)
TERMINAL LAYOUT
ROTARY SWITCH
RMS
OPTIONAL SPINDLE
FLAT SHOWN.


Similar Part No. - RMS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RMS HAMMOND-RMS Datasheet
49Kb / 1P
Etagere 3 en 1 avec tiroir pour clavier, pour montage sur deux ou quatre montants
logo
RFE international
RMS RFE-RMS Datasheet
729Kb / 4P
SMD RESISTOR ** ANTI-SULFUR
2012.12.20
logo
Sennheiser electronic S...
RMS 1 SENNHEISER-RMS 1 Datasheet
436Kb / 8P
evolution wireless G4
RMS 1 SENNHEISER-RMS 1 Datasheet
351Kb / 7P
evolution wireless G4
RMS 1 SENNHEISER-RMS 1 Datasheet
227Kb / 4P
evolution wireless G4 SK 300 G4-RC | Bodypack Transmitter
More results

Similar Description - RMS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
SRLMC LORLIN-SRLMC Datasheet
581Kb / 1P
SRLMC MAINS LOCK SWITCH - COMPACT
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com