Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRL6014FSS2 Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # SRL6014FSS2
Description  SRL60 LOCK SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

SRL6014FSS2 Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  SRL6014FSS2 Datasheet HTML 1Page - Lorlin Electronics Ltd. SRL6014FSS2 Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRL60 LOCK SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
1A @24V ac/dc.
Life:
>10,000 Cycles
Proof Voltage:
1500 Vac (Initial)
Lock Type:
5 Disc
Insulation Resistance:
>999MΩ @ 500V dc (Initial)
Lock Housing:
Zinc Alloy Bright Cr Plated
Contact Resistance:
<20mΩ (Initial)
Wafer Material:
Polyamide 6.6 G>F. V0 Rated
Contact Material:
Brass CZ108, Ag Plated
Housing Material:
Polycarbonate
Operating Temperature:
-30°C to +85°C
FEATURES
LOCK SWITCH
SRL60
Contacts: Non shorting BBM
Gold flashed or gold plate contacts available
Solder or PCB terminals
2 keys per switch - Up to 200 differ
key combinations available
Keys are double entry (can be
inserted into lock either way up)
Key removable at 60° positions
Single wafer switch
One - four poles
Two stage assembly: Lock through front,
module snaps on from rear
Max panel thickness 4.5mm
Made In UK


Similar Part No. - SRL6014FSS2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SRL SCHURTER-SRL Datasheet
309Kb / 3P
LED Holder straight or angled with 3 mm and 5 mm LED
logo
IET Labs Inc.
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
logo
Lorlin Electronics Ltd.
SRL LORLIN-SRL Datasheet
744Kb / 2P
SRL LOCK SWITCH
logo
MicroPower Direct, LLC
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
SRL-05A-XX SERIES
logo
List of Unclassifed Man...
SRL-5-A ETC2-SRL-5-A Datasheet
362Kb / 2P
SRL LOCK SWITCHES
More results

Similar Description - SRL6014FSS2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
Guard Lock Safety-door Switch
logo
Bi technologies
P09XS BITECH-P09XS Datasheet
158Kb / 6P
Switch / Push-Lock Option
logo
Lorlin Electronics Ltd.
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
HRL LORLIN-HRL Datasheet
761Kb / 2P
HRL LOCK SWITCH
LS120 LORLIN-LS120 Datasheet
246Kb / 1P
LS120 LS121 LOCK SWITCH
LS300 LORLIN-LS300 Datasheet
723Kb / 1P
LS300 LOCK SWITCH
SKL LORLIN-SKL Datasheet
253Kb / 1P
SKL LOCK SWITCH
SRL LORLIN-SRL Datasheet
744Kb / 2P
SRL LOCK SWITCH
SRL90 LORLIN-SRL90 Datasheet
697Kb / 2P
SRL90 LOCK SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com