Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLD40D
Description  White led power supply for large display backlight
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLD40D Datasheet HTML 5Page - STMicroelectronics STLD40D Datasheet HTML 6Page - STMicroelectronics STLD40D Datasheet HTML 7Page - STMicroelectronics STLD40D Datasheet HTML 8Page - STMicroelectronics STLD40D Datasheet HTML 9Page - STMicroelectronics STLD40D Datasheet HTML 10Page - STMicroelectronics STLD40D Datasheet HTML 11Page - STMicroelectronics STLD40D Datasheet HTML 12Page - STMicroelectronics STLD40D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STLD40D
Typical application
9/14
6
Typical application
Figure 14. Application circuit
Table 4.
External component proposal (see Figure 14)
The external components proposal should be considered as a design reference guide.The performances mentioned in the electrical
characteristics table are not guaranteed for all the possible electrical parameters of the components included in this list. On an other
hand the operation of STLD40D is not limited with the use of components included in this list
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
D
Boost schottky diode
VRRM
40
V
VF at IF = 300mA, TJ = 25°C
0.5
V
IR at VR = 10V, TJ = 25°C
30
µA
RLED
Feedback LED current regulation
resistor
ILED = 20mA
8
Ω
RSET
Current peak setting resistor
IPEAK = 0.2A to 1A
12
100
k
Ω
CI
Input filtering capacitor
Ceramic Type
2.2
µF
CO
Output capacitance: ceramic low
ESR
Capacitance
4.7
µF
Voltage
35
V
ESR
1.6
Ω
L
Boost inductor (height < 2mm)
Inductance
4.7
µH
DCR
1
Ω
ISATRSET = GND
1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com