Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLD40D
Description  White led power supply for large display backlight
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40D Datasheet(HTML) 5 Page - STMicroelectronics

  STLD40D Datasheet HTML 1Page - STMicroelectronics STLD40D Datasheet HTML 2Page - STMicroelectronics STLD40D Datasheet HTML 3Page - STMicroelectronics STLD40D Datasheet HTML 4Page - STMicroelectronics STLD40D Datasheet HTML 5Page - STMicroelectronics STLD40D Datasheet HTML 6Page - STMicroelectronics STLD40D Datasheet HTML 7Page - STMicroelectronics STLD40D Datasheet HTML 8Page - STMicroelectronics STLD40D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STLD40D
Electrical characteristics
5/14
3
Electrical characteristics
Table 3.
Electrical characteristics
(TJ=-40°C to 85°C, VI=3.6V, VEN=3V, CI=2.2µF, CO=4.7µF, L=4.7µH, RLED=8Ω VO=32V, Typ.
values @ 25°C, unless otherwise specified)
Note: 1 Guaranteed by design
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Input voltage range
3.0
5.5
V
VO
Output voltage range
VI
37
V
IO
Regulated output current
VO = 36V (10 White Leds)
20
mA
ISD
Stand-by current
VEN = Low, VI = 3.6V, TJ = 25°C
13
µA
VEN = Low, VI = 3V to 4.2V
10
IQ
Quiescent current
VI = 3V to 4.2V, TJ = 25°C
0.4
0.8
mA
VI = 5.5V, TJ = 25°C
0.8
1.2
RDSON
Boost switch RDSON
VI = 5.5V, I = 100mA
0.4
Ω
VI = 4.2V, I = 100mA
0.4
VI = 3.0V, I = 100mA
0.5
BVDS Breakdown voltage
38
V
ILIM-ADJ
Maximum peak inductor limit
adjust range Note: 1
RSET = 12kΩ to 100kΩ
0.2
1
A
ILIM
Maximum peak inductor limit
when RSET = VI Note: 1
VI = 3V to 5.5V
0.75
1.1
A
VFB
Feedback voltage
VI = 3.6V
130
165
200
mV
Line FB
Line feedback voltage
VI = 3V to 5.5V
535
mV
TON_MAX Maximum ON Time
VI = 4.2V
5.5
µs
TOFF_MIN Minimum OFF Time
VI = 4.2V
250
ns
υ
Efficiency at VI = 3.0VDC Note: 1 IO = 20 mA, VO = 36VDC
75
%
Efficiency at VI = 5.5VDC Note: 1 IO = 20 mA, VO = 36VDC
80
OVP
Overvoltage protection
36
42
V
OVHYS
Overvoltage hysteresis
1.5
V
VEN
Enable input logic low
Disable Low VIL
0.3
V
Enable input logic high
Enable High VIH
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com