Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40DPMR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLD40DPMR
Description  White led power supply for large display backlight
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40DPMR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLD40DPMR Datasheet HTML 2Page - STMicroelectronics STLD40DPMR Datasheet HTML 3Page - STMicroelectronics STLD40DPMR Datasheet HTML 4Page - STMicroelectronics STLD40DPMR Datasheet HTML 5Page - STMicroelectronics STLD40DPMR Datasheet HTML 6Page - STMicroelectronics STLD40DPMR Datasheet HTML 7Page - STMicroelectronics STLD40DPMR Datasheet HTML 8Page - STMicroelectronics STLD40DPMR Datasheet HTML 9Page - STMicroelectronics STLD40DPMR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical performance characteristics
STLD40D
6/14
4
Typical performance characteristics
[VI=3.6V, VEN=3V, CI=2.2µF, CO=4.7µF, L=4.7µH, RLED=8Ω VO=32V, 10W Leds load (VO=32V)
Typ. values @ 25°C, unless otherwise specified]
Figure 3.
ILED vs RLED
Figure 4.
ILED vs VI
Figure 5.
IQ vs Temperature
Figure 6.
ISD vs VI
Figure 7.
RDSON vs VI
Figure 8.
ILIMIT vs RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com