Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40DPMR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLD40DPMR
Description  White led power supply for large display backlight
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40DPMR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLD40DPMR Datasheet HTML 6Page - STMicroelectronics STLD40DPMR Datasheet HTML 7Page - STMicroelectronics STLD40DPMR Datasheet HTML 8Page - STMicroelectronics STLD40DPMR Datasheet HTML 9Page - STMicroelectronics STLD40DPMR Datasheet HTML 10Page - STMicroelectronics STLD40DPMR Datasheet HTML 11Page - STMicroelectronics STLD40DPMR Datasheet HTML 12Page - STMicroelectronics STLD40DPMR Datasheet HTML 13Page - STMicroelectronics STLD40DPMR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STLD40D
Package mechanical data
11/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.032
0.035
0.039
A1
0.03
0.05
0.001
0.002
A2
0.65
0.70
0.75
0.026
0.028
0.030
A3
0.15
0.20
0.25
0.006
0.008
0.010
b
0.29
0.31
0.39
0.011
0.012
0.015
b1
0.17
0.30
0.007
0.012
D
3.00
0.118
D2
1.92
2.02
2.12
0.076
0.080
0.084
E
3.00
0.118
E2
1.11
1.21
1.31
0.044
0.048
0.052
e
0.65
0.026
K
0.20
0.008
L
0.20
0.29
0.45
0.008
0.011
0.018
L1
0.16
0.24
0.40
0.006
0.009
0.016
L2
0.13
0.005
r
0.15
0.006
r1
0.15
0.006
QFN8 (3x3) MECHANICAL DATA
7517789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com