Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8002 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND8002
Description  ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8002 Datasheet(HTML) 2 Page - ON Semiconductor

  AND8002 Datasheet HTML 1Page - ON Semiconductor AND8002 Datasheet HTML 2Page - ON Semiconductor AND8002 Datasheet HTML 3Page - ON Semiconductor AND8002 Datasheet HTML 4Page - ON Semiconductor AND8002 Datasheet HTML 5Page - ON Semiconductor AND8002 Datasheet HTML 6Page - ON Semiconductor AND8002 Datasheet HTML 7Page - ON Semiconductor AND8002 Datasheet HTML 8Page - ON Semiconductor AND8002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AND8002/D
http://onsemi.com
2
SECTION 1: Data Sheet Marking Diagrams
Device Marking Examples
The marking format is dependent upon the device
package, and larger device packages allow the inclusion of
more information on the face of the device. A marking
example for the large 52−pin NB100LVEP222 is shown
below. Note that the device marking includes the following
coded information that is described in later sections:
• Code 1. Circuit Identification Code
• Code 2. Temperature Compensation Code
• Code 3. Family Identification Code
• Code 4. Function Type Code
• Code 5. Assembly Location Traceability Code
• Code 6. Wafer Lot Traceability Code
• Code 7. Year Date Code
• Code 8. Work Week Date Code
NB100
LVEP222
AWLYYWW
52
1
Circuit
Family Identification
Assembly Location
Traceability Code
Wafer Lot
Traceability Code
Year
Date Code
Work Week
Date Code
Function Type
Identification
Figure 1. 52−Pin Marking Example
Code 5
Code 6
Code 3
Code 1
Code 2
Code 4
Code 8
Code 7
Code
Temperature
Compensation
Code
Code
Code
A marking example for the 8−pin TSSOP MC100EP16
device is shown in Figure 2. Note that the 8−pin package
does not allow for as much marking information as the
52−pin package.
1
8
Figure 2. 8−Pin Marking Example
Family Identification
Assembly Location
Traceability Code
Year
Date Code
Work Week
Date Code
Function Type
Code 5
Code 3
Code 2
Code 4
Code 8
Code 7
Temperature
Compensation
Code
Code
Code
Wafer Lot
Traceability Code
Code 6
KP16
A L Y W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com