Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8002 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AND8002
Description  ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8002 Datasheet(HTML) 3 Page - ON Semiconductor

  AND8002 Datasheet HTML 1Page - ON Semiconductor AND8002 Datasheet HTML 2Page - ON Semiconductor AND8002 Datasheet HTML 3Page - ON Semiconductor AND8002 Datasheet HTML 4Page - ON Semiconductor AND8002 Datasheet HTML 5Page - ON Semiconductor AND8002 Datasheet HTML 6Page - ON Semiconductor AND8002 Datasheet HTML 7Page - ON Semiconductor AND8002 Datasheet HTML 8Page - ON Semiconductor AND8002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AND8002/D
http://onsemi.com
3
Code 1. Circuit Identification Code
MC identifies Motorola Circuits that are now owned by
ON Semiconductor. NB identifies circuits that were
introduced by ON Semiconductor. XC (X on 8−pin
packages) identifies Preproduction/Prereliability devices,
and PC (P on 8−pin packages) identifies Prototype devices.
Contact ON Semiconductor for further information on
non−released device markings.
Code 2. Temperature Compensation Code
There are two Temperature Compensation codes. The
“10” code indicates that the device characteristics are
temperature dependent (refer to AND8066/D for additional
information). The “100” identification code indicates that
the device characteristics are not temperature dependent.
Code 3. Family Identification Code
Family Identification Codes are shown in the
following table.
Table 1. Family Identification Codes
Family
TSSOP−8
Code 3
SO−8
Code 3
BGA
Code 3
Over 8−Pin
Code 3
ECLinPS
N/A
N/A
N/A
E
Low Voltage ECLinPS
N/A
N/A
N/A
LVE
ECLinPS Lite
L
EL
N/A
EL
ECLinPS Lite Translator
T
LT
N/A
ELT
Low Voltage ECLinPS Lite
V
VL
N/A
LVEL
Low Voltage ECLinPS Lite Translator
R
VT
N/A
LVELT
ECLinPS Plus
P
EP
N/A
EP
ECLinPS Plus Translator
A
PT
N/A
EPT
Low Voltage ECLinPS Plus
U
VP
N/A
LVEP
GigaComm
N/A
N/A
SG
N/A
ECLinPS MAX
N/A
N/A
N/A
6L
Code 4. Function Type Code
Each device is assigned a unique function type identifier.
Code 5. Assembly Location Traceability Code
The one character Assembly Location Traceability Codes identify the final assembly location and are shown in the
following table.
Table 2. Assembly Location Traceability Codes
Code 5
Assembly Site
Location
2
AIT
Advanced Interconnect Technologies
Batam Island, Indonesia
5
ATP1
Amkor Technology Philippines
Manila, Philippines
9
ASAT
ASAT Holdings Limited
New Territories, Hong Kong
G (or G5)
NSEB
Bangkok, Thailand
K
ASEK
ASE (Korea) Inc.
Seoul, Korea
P
OSPI
ON Semiconductor Carmona
Carmona, Philippines
R
ON Semiconductor Sbn
Seremban, Malaysia
X
ASECL
ASE−Chung Li (METL)
Chung−Li, Taiwan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com