Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM-40C Datasheet(PDF) 6 Page - CUI Devices

Part # CBM-40C
Description  DC BLOWER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CBM-40C Datasheet(HTML) 6 Page - CUI Devices

  CBM-40C Datasheet HTML 1Page - CUI Devices CBM-40C Datasheet HTML 2Page - CUI Devices CBM-40C Datasheet HTML 3Page - CUI Devices CBM-40C Datasheet HTML 4Page - CUI Devices CBM-40C Datasheet HTML 5Page - CUI Devices CBM-40C Datasheet HTML 6Page - CUI Devices CBM-40C Datasheet HTML 7Page - CUI Devices CBM-40C Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CUI DEVICES | SERIES: CBM-40C | DESCRIPTION: DC BLOWER
date 05/05/2023 | page 6 of 8
cuidevices.com
MECHANICAL DRAWING
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow10
Tach Signal
Blue10
PWM
MOUNTING SCREW (Pan Head)
Screw Type
Size
Standard
Torque
Machine Screw
M2
JIS B1111-1974
1~2 kgf-cm
units: mm
2 wire versions (+Vin & -Vin): UL 1061, 26 AWG
3 wire versions (+Vin, -Vin, & tach): UL 1061, 26 AWG
4 wire versions (+Vin, -Vin, tach, & PWM): UL 1061, 26 AWG
Notes: 10. Wires only present on versions with output signals.
CBM-4010C
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com