Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM-40C Datasheet(PDF) 7 Page - CUI Devices

Part # CBM-40C
Description  DC BLOWER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CBM-40C Datasheet(HTML) 7 Page - CUI Devices

  CBM-40C Datasheet HTML 1Page - CUI Devices CBM-40C Datasheet HTML 2Page - CUI Devices CBM-40C Datasheet HTML 3Page - CUI Devices CBM-40C Datasheet HTML 4Page - CUI Devices CBM-40C Datasheet HTML 5Page - CUI Devices CBM-40C Datasheet HTML 6Page - CUI Devices CBM-40C Datasheet HTML 7Page - CUI Devices CBM-40C Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CUI DEVICES | SERIES: CBM-40C | DESCRIPTION: DC BLOWER
date 05/05/2023 | page 7 of 8
cuidevices.com
APPLICATION NOTES
Auto Restart Protection
When the fan motor is locked by an external force, the device will temporarily turn off electrical power to the motor and restart
automatically when the locked rotor condition is released.
Tachometer Signal (Yellow Wire)
The tachometer signal is for detecting the rotational speed of the fan motor. The output will be a square wave when fan is operating and
VFG or VCE depending on the locked rotor position when fan motor is locked (See Figures 1~2 below).
Figure 1: Tachometer
Output Circuit
Figure 2: Tachometer
Output Waveform
Polarity Protection
Able to withstand 10 minutes of reverse polarity connection between the positive and negative wires without causing damage.
Output Type: Open Collector
Vs: (VFG)
5 V fan: 3.3~5 V
All others: 3.3~15 V
Ic≤5 mA
R≥Vs/Ic
VCE(sat)≤0.5 V
4 Pole Motor
N=RPM
T=60/N (sec)
FG=1/T*2 (Hz)
N=FG*30
PWM Duty Cycle (%) = T1/T x 100%
PWM Frequency Range: 20~30 kHz
PWM VIH = 2.8~5.5 V
PWM VIL = 0~0.6 V
Figure 3: PWM Input Signal
PWM Signal (Blue Wire)
This wire is for speed control of the fan motor using a PWM input signal from the customer circuit (See Figure 3 below).
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com