Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM-1212C Datasheet(PDF) 1 Page - CUI Devices

Part # CEM-1212C
Description  MAGNETIC BUZZER INDICATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CEM-1212C Datasheet(HTML) 1 Page - CUI Devices

  CEM-1212C Datasheet HTML 1Page - CUI Devices CEM-1212C Datasheet HTML 2Page - CUI Devices CEM-1212C Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: CEM-1212C | DESCRIPTION: MAGNETIC BUZZER INDICATOR
cuidevices.com
FEATURES
• magnetic indicator with pin mount
• 12 Vdc rating
• 2300 Hz rated frequency
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
12
Vdc
operating voltage
8
16
Vdc
current consumption
at rated voltage
35
mA
rated frequency
2,000
2,300
2,600
Hz
sound pressure level
at 10 cm (A-weight), rated voltage
85
94
dBA
dimensions
Ø12 x 9.5
mm
weight
1.6
g
material
PPO
terminal
pin type (Au plating)
operating temperature
-20
60
°C
storage temperature
-30
70
°C
washable
yes
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering2
for maximum 2 seconds
330
380
°C
Notes:
2. Not recommended for wave soldering
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CEM-1212C

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
magnetic buzzer
CEM-1212C CUI-CEM-1212C Datasheet
332Kb / 3P
MAGNETIC BUZZER INDICATOR
01/14/2020
CEM-1212C CUI-CEM-1212C_V01 Datasheet
332Kb / 3P
MAGNETIC BUZZER INDICATOR
01/14/2020
More results

Similar Description - CEM-1212C

ManufacturerPart #DatasheetDescription
logo
CUI INC
CT-1205CL-SMT CUI-CT-1205CL-SMT Datasheet
195Kb / 3P
MAGNETIC BUZZER INDICATOR
CMI-1275C-050 CUI-CMI-1275C-050 Datasheet
400Kb / 4P
MAGNETIC BUZZER INDICATOR
CMI-9653S-SMT CUI-CMI-9653S-SMT Datasheet
535Kb / 4P
MAGNETIC BUZZER INDICATOR
CT-1205CL-SMT-TR CUI-CT-1205CL-SMT-TR Datasheet
467Kb / 4P
MAGNETIC BUZZER INDICATOR
02/11/2022
CMI-1295IC-1285T CUI-CMI-1295IC-1285T Datasheet
348Kb / 4P
MAGNETIC BUZZER INDICATOR
11/13/2019
CMI-1614C-120 CUI-CMI-1614C-120_V01 Datasheet
397Kb / 4P
MAGNETIC BUZZER INDICATOR
11/22/2019
CX-0905C CUI-CX-0905C_V01 Datasheet
365Kb / 3P
MAGNETIC BUZZER INDICATOR
03/18/2020
CMI-1210-5-95T CUI-CMI-1210-5-95T Datasheet
406Kb / 4P
MAGNETIC BUZZER INDICATOR
11/24/2021
logo
CUI Devices
CMI-1265-88-SMT-TR CUID-CMI-1265-88-SMT-TR Datasheet
308Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
CMI-1275-85T CUID-CMI-1275-85T Datasheet
328Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com