Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM-1212C Datasheet(PDF) 2 Page - CUI Devices

Part # CEM-1212C
Description  MAGNETIC BUZZER INDICATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CEM-1212C Datasheet(HTML) 2 Page - CUI Devices

  CEM-1212C Datasheet HTML 1Page - CUI Devices CEM-1212C Datasheet HTML 2Page - CUI Devices CEM-1212C Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: CEM-1212C | DESCRIPTION: MAGNETIC BUZZER INDICATOR
date 08/05/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
PERFORMANCE CURVES
2.2 0.087
sound emission hole
0.1 (2 PLCS)
0.6 0.024
7.6 0.299
masking label
(-)
(+)
3.5 0.138
0.374
9.5
0.177
4.5
12.0 0.472
MEASUREMENT METHOD
85
8
10
12
14
16
10
90
95
15
20
25
100
Voltage (Vdc)
Voltage (Vdc)
8
10
12
14
16
Voltage vs. Sound Pressure Level
at 10 cm, 25°C
Voltage vs. Current Consumption
at 25°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com