Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7690ABD Datasheet(PDF) 10 Page - Exar Corporation

Part # MP7690ABD
Description  CMOS, PROGRAMMABLE INPUT RANGE 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7690ABD Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP7690ABD Datasheet HTML 3Page - Exar Corporation MP7690ABD Datasheet HTML 4Page - Exar Corporation MP7690ABD Datasheet HTML 5Page - Exar Corporation MP7690ABD Datasheet HTML 6Page - Exar Corporation MP7690ABD Datasheet HTML 7Page - Exar Corporation MP7690ABD Datasheet HTML 8Page - Exar Corporation MP7690ABD Datasheet HTML 9Page - Exar Corporation MP7690ABD Datasheet HTML 10Page - Exar Corporation MP7690ABD Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
03$

5HY 
$33/,&$7,21 127(6
)LJXUH  7\SLFDO &LUFXLW &RQQHFWLRQV
ï

9
ï9
N
N
5 
 5
 5
 5

:
2):
& 2)
& 2)
&/.
5W /LQH 7HUPLQDWLRQ 5HVLVWRU
%%
2(
7R
'LJLWDO
6\VWHP
$*1'
'*1'
N:
9
03
03$
2(
$9''
'9''
9,1
95() 
95() ï
&
&
&
&
&&
&&
&
&
&
&
&
&
5W
5W
7KH IROORZLQJ LQIRUPDWLRQ ZLOO EH XVHIXO LQ PD[LPL]LQJ WKH SHU
IRUPDQFH RI WKH 03$
 $OO VLJQDOV VKRXOG QRW H[FHHG $9''  9 RU $*1' ï 9
RU '9''  9
 $Q\ LQSXW SLQ ZKLFK FDQ VHH D YDOXH RXWVLGH WKH DEVROXWH
PD[LPXP UDWLQJV $9'' RU '9'' 9 RU $*1' ï 9
VKRXOG EH SURWHFWHG E\ GLRGH FODPSV +3 IURP
LQSXW SLQ WR WKH VXSSOLHV $OO 03$ LQSXWV KDYH LQSXW SUR
WHFWLRQ GLRGHV ZKLFK ZLOO SURWHFW WKH GHYLFH IURP VKRUW WUDQ
VLHQWV RXWVLGH WKH VXSSO\ UDQJHV
 7KH GHVLJQ RI D 3& ERDUG ZLOO DIIHFW WKH DFFXUDF\ RI
03$ 8VH RI ZLUH ZUDS LV QRW UHFRPPHQGHG
 7KH DQDORJ LQSXW VLJQDO 9,1 LV TXLWH VHQVLWLYH DQG VKRXOG EH
SURSHUO\ URXWHG DQG WHUPLQDWHG ,W VKRXOG EH VKLHOGHG IURP
WKH FORFN DQG GLJLWDO RXWSXWV WR PLQLPL]H FURVV FRXSOLQJ DQG
QRLVH SLFNXS
 7KH DQDORJ LQSXW VKRXOG EH GULYHQ E\ D ORZ LPSHGDQFH OHVV
WKDQ : 
 $QDORJ DQG GLJLWDO JURXQG SODQHV VKRXOG EH VXEVWDQWLDO DQG
FRPPRQ DW RQH SRLQW RQO\ 7KH JURXQG SODQH VKRXOG DFW DV D
VKLHOG IRU SDUDVLWLFV DQG QRW D UHWXUQ SDWK IRU VLJQDOV 7R UH
GXFH QRLVH OHYHOV XVH VHSDUDWH ORZ LPSHGDQFH JURXQG
SDWKV
 '9'' VKRXOG QRW EH VKDUHG ZLWK RWKHU GLJLWDO FLUFXLWU\ WR
DYRLG FRQYHUVLRQ HUURUV FDXVHG E\ GLJLWDO VXSSO\ WUDQVLHQWV
'9'' VKRXOG EH FRQQHFWHG WR $9'' QH[W WR WKH 03$
 (DFK SRZHU VXSSO\ DQG UHIHUHQFH YROWDJH SLQ VKRXOG EH
GHFRXSOHG ZLWK D FHUDPLF P) DQG D WDQWDOXP P) FD
SDFLWRU DV FORVH WR WKH GHYLFH DV SRVVLEOH
 7KH GLJLWDO RXWSXW VKRXOG QRW GULYH ORQJ ZLUHV 7KH FDSDFLWLYH
FRXSOLQJ DQG UHIOHFWLRQ ZLOO FRQWULEXWH QRLVH WR WKH FRQYHU
VLRQ :KHQ GULYLQJ GLVWDQW ORDGV EXIIHUV VKRXOG EH XVHG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com