Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7690ABD Datasheet(PDF) 9 Page - Exar Corporation

Part # MP7690ABD
Description  CMOS, PROGRAMMABLE INPUT RANGE 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7690ABD Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP7690ABD Datasheet HTML 3Page - Exar Corporation MP7690ABD Datasheet HTML 4Page - Exar Corporation MP7690ABD Datasheet HTML 5Page - Exar Corporation MP7690ABD Datasheet HTML 6Page - Exar Corporation MP7690ABD Datasheet HTML 7Page - Exar Corporation MP7690ABD Datasheet HTML 8Page - Exar Corporation MP7690ABD Datasheet HTML 9Page - Exar Corporation MP7690ABD Datasheet HTML 10Page - Exar Corporation MP7690ABD Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
03$

5HY 
WKH ERUGHUV RI WKH UDQJHV 2QH VROXWLRQ LV WR ´RYHUODSµ WKH
UDQJHV DQG WR XVH VRIWZDUH PHWKRGV WR SURSHUO\ PHUJH WKH
UDQJHV
'LJLWDO ,QWHUIDFHV
7KH ORJLF HQFRGHV WKH  LQSXW ELWV LQWR D ELQDU\ FRGH DQG
ODWFKHV WKH GDWD LQ D 'W\SH IOLSIORS IRU RXWSXW 7KH LQSXWV 2(
DQG 2( FRQWURO WKH RXWSXW EXIIHUV LQ DQ DV\QFKURQRXV PRGH
7KH IXQFWLRQDO HTXLYDOHQW RI WKH 03$ )LJXUH  LV
FRPSRVHG RI
 'HOD\ VWDJH W$3 IURP WKH FORFN WR WKH VDPSOLQJ SKDVH
I6 
 $Q $' ZKLFK WUDFNV DQG FRQYHUWV 9,1 ZLWK QR GHOD\
 $ ')) ' W\SH IOLSIORS ZLWK VSHFLILHG KROG W+/' DQG GH
OD\ W'/ WLPHV W$3W+/' DQG W'/ DUH VSHFLILHG LQ WKH
(OHFWULFDO &KDUDFWHULVWLFV WDEOH
7DEOH  2XWSXW (QDEOH /RJLF
2(
2(
2):
'%ï'%
;

+LJK =
+LJK =


9DOLG
+LJK =


9DOLG
9DOLG
,I DQ H[WHUQDO ')) LV WR IROORZ WKH 03$ LW LV UHFRP
PHQGHG WKDW WKH V\VWHP ODWFKHV WKH GDWD DW WKH QHJDWLYH JRLQJ
HGJH RI WKH FORFN 7KLV ZLOO ZRUN DW DQ\ IUHTXHQF\ ,I WKH V\VWHP
PXVW ODWFK ZLWK WKH SRVLWLYH JRLQJ HGJH WKHQ FDUH PXVW EH WDNHQ
WR DYRLG WKH RYHUOD\ RI WKH FORFN HGJH ZLWK WKH FKDQJLQJ RXWSXWV
,I D ODWFK IROORZV WKH $'& WKH SRVLWLYH KDOI RI WKH FORFN XVHG DV
DQ HQDEOH VLJQDO IRU WKH ODWFK JXDUDQWHHV VWDEOH RXWSXW DW WKH HQG
RI WKH HQDEOH SXOVH
I
)LJXUH  03$ )XQFWLRQDO (TXLYDOHQW
&LUFXLW DQG ,QWHUIDFH 7LPLQJ
9,1
$
$'
'))
03$
&/.
'))
/DWFK
/ï/
)ï)
(
&/.
9,1
'%'%
//
))
1
1
1
1
1
1
W'/
1
1
1
1
W$3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com