Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2608011024000 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2608011024000
Description  MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

2608011024000 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  2608011024000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Reference Design Note
MagI3C Power Modules
DNS005 MagI3C Multi Color LED Driver
DNS005 V1.0
Alexander Zeller
– June 2019
Page 2/20
Copyright © Würth Elektronik eiSos GmbH & Co. KG
2. Specifications
Electrical Specifications
Features
Input Voltage Range:
Input Voltage Transients:
Output Voltage Range:
Output Current:
18V
– 48V
Max. 50V
0V
– VIN
0mA
– 450mA
4 Channel LED Driver (can be extended by connecting daughter
board)
1-26 LEDs with 1,8V each in series per channel (depending on
LED forward voltage)
Intensity of each channel can be adjusted individually (dimming
0-100%)
Color mixing with four channels and RGBW LEDs
Dimming by potentiometer, button or Bluetooth control
(2608011024000)
PWM
dimming
method
-
controlled
by
PIC16F1527
microcontroller
Dimming profiles and colors can be stored
LED Driver: MagI³C Power Module 172 946 001
Conducted and radiated EMI compliant (EN55015)
Good thermal behavior
3. Functional Description
LED panel
User
panel
Power
Board
App
Figure 2: Block Diagram
The reference design consists of three parts: the power board, a control unit and the LED panel. The control unit can be an
App for iOS from the App-Store named
“WEIlluminate” or the user panel 1780051. The user panel allows for manipulation
of the PWM duty cycle using either the potentiometer or the digital buttons connected to the microcontroller. The power
board 1780050 converts the signals from the controlling unit to a PWM signal, which controls four independent channels
with an LED Step Down High Current Module (LDHM) on each channel. The four channels are built identically, each include
an input and output filter to comply to the EMI norm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com