Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2608011024000 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2608011024000
Description  MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

2608011024000 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  2608011024000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Reference Design Note
MagI3C Power Modules
DNS005 MagI3C Multi Color LED Driver
DNS005 V1.0
Alexander Zeller
– June 2019
Page 3/20
Copyright © Würth Elektronik eiSos GmbH & Co. KG
The LDHM (172946001) of the Würth Elektronik MagI³C Power Module Series is an LED driver based on a floating buck
regulator (see Figure 4). The module is able to deliver both constant and pulsed currents. The TO263 package integrates
the inductor, the free-wheeling diode and the regulator IC. It delivers an output current of up to 450mA at an output voltage
from 4,5V to 60V. The output voltage is limited by the input voltage of the module as the input voltage must be equal to or
greater than the desired output voltage for proper operation.
Figure 4: Floating Buck Topology
LED-
LED+
LED+
VIN
controller
CIN
COUT
Rsense
PGND
Floating buck
CIN
LED+
DIM
PGND
ISET
IFIX
LED-
Module
AGND
1
3
EP
6
VIN
2
LED+
7
5
4
RIADJ
High Power LED String
COUT
Figure 3: Typical LDHM Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com