Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7667 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7667
Description  18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 3 Page - Analog Devices

  AD7667 Datasheet HTML 1Page - Analog Devices AD7667 Datasheet HTML 2Page - Analog Devices AD7667 Datasheet HTML 3Page - Analog Devices AD7667 Datasheet HTML 4Page - Analog Devices AD7667 Datasheet HTML 5Page - Analog Devices AD7667 Datasheet HTML 6Page - Analog Devices AD7667 Datasheet HTML 7Page - Analog Devices AD7667 Datasheet HTML 8Page - Analog Devices AD7667 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7674
Rev. 0 | Page 3 of 28
SPECIFICATIONS
Table 2. –40°C to +85°C, VREF = 4.096 V, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
VIN+ – VIN–
–VREF
+VREF
V
Operating Input Voltage
VIN+, VIN– to AGND
–0.1
AVDD
V
Analog Input CMRR
fIN = 100 kHz
65
dB
Input Current
800 kSPS Throughput
100
µA
Input Impedance1
THROUGHPUT SPEED
Complete Cycle
In Warp Mode
1.25
µs
Throughput Rate
In Warp Mode
1
800
kSPS
Time between Conversions
In Warp Mode
1
ms
Complete Cycle
In Normal Mode
1.5
µs
Throughput Rate
In Normal Mode
0
666
kSPS
Complete Cycle
In Impulse Mode
1.75
µs
Throughput Rate
In Impulse Mode
0
570
kSPS
DC ACCURACY
Integral Linearity Error
–2.5
+2.5
LSB2
Differential Linearity Error
–1
+1.75
LSB
No Missing Codes
18
Bits
Transition Noise
VREF = 5 V
0.7
LSB
Zero Error, TMIN to TMAX3
In Warp Mode
–25
+25
LSB
Zero Error Temperature Drift
All Modes
±0.5
ppm/°C
Gain Error, TMIN to TMAX3
In Warp Mode
–0.034
+0.034
% of FSR
Gain Error Temperature Drift
All Modes
±1.6
ppm/°C
Zero Error, TMIN to TMAX3
Normal or Impulse Mode3
–85
See Note 3
+85
LSB
Gain Error, TMIN to TMAX3
Normal or Impulse Mode3
–0.048
See Note 3
+0.048
% of FSR
Power Supply Sensitivity
AVDD = 5 V ± 5%
±4
LSB
AC ACCURACY
fIN = 2 kHz, VREF = 5 V
101
dB4
VREF = 4.096 V
97.5
99
dB
fIN = 10 kHz, VREF = 4.096 V
98
dB
Signal-to-Noise
fIN = 100 kHz, VREF = 4.096 V
97
dB
Dynamic Range
VIN+ = VIN– = VREF/2 = 2.5 V
103
dB
fIN = 2 kHz
120
dB
fIN = 10 kHz
118
dB
Spurious-Free Dynamic Range
fIN = 100 kHz
105
dB
fIN = 2 kHz
–115
dB
fIN = 10 kHz
–113
dB
Total Harmonic Distortion
fIN = 100 kHz
–98
dB
fIN = 2 kHz, VREF = 4.096 V
98
dB
Signal-to-(Noise + Distortion)
fIN = 2 kHz, –60 dB Input
40
dB
–3 dB Input Bandwidth
26
MHz
SAMPLING DYNAMICS
Aperture Delay
2
ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
250
ns
Overvoltage Recovery
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com