Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7667 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7667
Description  18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 1 Page - Analog Devices

  AD7667 Datasheet HTML 1Page - Analog Devices AD7667 Datasheet HTML 2Page - Analog Devices AD7667 Datasheet HTML 3Page - Analog Devices AD7667 Datasheet HTML 4Page - Analog Devices AD7667 Datasheet HTML 5Page - Analog Devices AD7667 Datasheet HTML 6Page - Analog Devices AD7667 Datasheet HTML 7Page - Analog Devices AD7667 Datasheet HTML 8Page - Analog Devices AD7667 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
AD7674
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
18-bit resolution with no missing codes
No pipeline delay (SAR architecture)
Differential input range: ±VREF (VREF up to 5 V)
Throughput: 800 kSPS (Warp mode)
666 kSPS (Normal mode)
570 kSPS (Impulse mode)
INL: ±2.5 LSB max (±9.5 ppm of full scale)
Dynamic range : 103 dB typ (VREF = 5 V)
S/(N+D): 100 dB typ @ 2 kHz (VREF = 5 V)
Parallel (18-,16-, or 8-bit bus) and serial 5 V/3 V interface
SPI
®/QSPI™/MICROWIRE™/DSP compatible
On-board reference buffer
Single 5 V supply operation
Power dissipation:98 mW typ @ 800 kSPS
78 mW typ@ 500 kSPS (Impulse mode)
160 µW @ 1 kSPS (Impulse mode)
48-lead LQFP or 48-lead LFCSP package
Pin-to-pin compatible upgrade of AD7676/AD7678/AD7679
APPLICATIONS
CT scanners
High dynamic data acquisition
Geophone and hydrophone sensors
Σ-∆ replacement (low power, multichannel)
Instrumentation
Spectrum analysis
Medical instruments
GENERAL DESCRIPTION
The AD7674 is an 18-bit, 800 kSPS, charge redistribution SAR,
fully differential analog-to-digital converter that operates on a
single 5 V power supply. The part contains a high speed 18-bit
sampling ADC, an internal conversion clock, an internal
reference buffer, error correction circuits, and both serial and
parallel system interface ports.
The part is available in 48-lead LQFP or 48-lead LFCSP
packages with operation specified from –40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
SWITCHED
CAP DAC
18
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7674
D[17:0]
BUSY
RD
CS
MODE0
OGND
OVDD
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
IN–
PD
RESET
SERIAL
PORT
PARALLEL
INTERFACE
CNVST
PDBUF
REFBUFIN
WARP IMPULSE
MODE1
03083–0–001
Figure 1. Functional Block Diagram
Table 1. PulSARTM Selection
Type/kSPS
100–250
500–570
800–
1000
Pseudo-
Differential
AD7651
AD7660/AD7661
AD7650/AD7652
AD7664/AD7666
AD7653
AD7667
True Bipolar
AD7663
AD7665
AD7671
True
Differential
AD7675
AD7676
AD7677
18-Bit
AD7678
AD7679
AD7674
Multichannel/
Simultaneous
AD7654
AD7655
PRODUCT HIGHLIGHTS
1.
High Resolution, Fast Throughput.
The AD7674 is an 800 kSPS, charge redistribution, 18-bit
SAR ADC (no latency).
2.
Excellent Accuracy.
The AD7674 has a maximum integral nonlinearity of
2.5 LSB with no missing 18-bit codes.
3.
Serial or Parallel Interface.
Versatile parallel (18-, 16- or 8-bit bus) or 3-wire serial
interface arrangement compatible with both 3 V and
5 V logic.


Similar Part No. - AD7667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7667 AD-AD7667 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7667 AD-AD7667 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7667 AD-AD7667 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7667 AD-AD7667 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
More results

Similar Description - AD7667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7679 AD-AD7679 Datasheet
556Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7679ASTZ AD-AD7679ASTZ Datasheet
620Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
A
AD7674 AD-AD7674_17 Datasheet
587Kb / 29P
18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
B
AD7678 AD-AD7678 Datasheet
437Kb / 29P
18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com