Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF210B Datasheet(PDF) 5 Page - Synaptics Incorporated.

Part # RF210B
Description  Dual-Band, Image-Reject Downconverters For GSM Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF210B Datasheet(HTML) 5 Page - Synaptics Incorporated.

  RF210B Datasheet HTML 1Page - Synaptics Incorporated. RF210B Datasheet HTML 2Page - Synaptics Incorporated. RF210B Datasheet HTML 3Page - Synaptics Incorporated. RF210B Datasheet HTML 4Page - Synaptics Incorporated. RF210B Datasheet HTML 5Page - Synaptics Incorporated. RF210B Datasheet HTML 6Page - Synaptics Incorporated. RF210B Datasheet HTML 7Page - Synaptics Incorporated. RF210B Datasheet HTML 8Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Image-Reject Downconverter
RF210(A/B)
100775A
Conexant
5
Proprietary Information and Specifications are Subject to Change
October 20, 1999
LNA900IN
LNA1800IN
BANDSEL
LOIN
IFOUT+
IFOUT-
C070
GAINSEL
ENABLE
900 MHz GSM
Gain Select
ENA
0
90
90
IRM
BIAS
BYP900
BYP1800
Ground
RF210
0
90
10
4
7
5
1 346
2
22 pF
150 pF
150 pF
100 pF
VCC
22 pF
22 pF
56 nH
68 nH
68 nH
68 nH
68 nH
100 nH
100 nH
82 nH
82 nH
2.2
pF
22 pF
2K
2K
1.5 pF
6.8 nH
In
Out
Fujitsu
FAR-F5CE-947M50-D235
Ground
1800 MHz DCS
Band Select
LO
8
14
13
ADJMIX 11
NC
1
17
20
56
16
18
15
2
3
9
12
19
5
1
346
2
22 pF
22 pF
1.5 pF
2.2 nF
2.2 nF
1.5 nH
In
Out
Fujitsu
FAR-F6CE-1G8425-L2YB
FL200
6
7
348
1
IN2
Coil
2
IN1
OUT2
5
OUT1
Ground
FL201
Ground
IF XCVR
Siemens
400 MHz SAW Filter
(B4806)
B4806
.01 µF
RFC
RFC
RFC
22 pF
.01 µF
.01 µF
2.2
pF
Figure 3. Typical RF210(A/B) Application Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com