Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF210B Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # RF210B
Description  Dual-Band, Image-Reject Downconverters For GSM Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF210B Datasheet(HTML) 2 Page - Synaptics Incorporated.

  RF210B Datasheet HTML 1Page - Synaptics Incorporated. RF210B Datasheet HTML 2Page - Synaptics Incorporated. RF210B Datasheet HTML 3Page - Synaptics Incorporated. RF210B Datasheet HTML 4Page - Synaptics Incorporated. RF210B Datasheet HTML 5Page - Synaptics Incorporated. RF210B Datasheet HTML 6Page - Synaptics Incorporated. RF210B Datasheet HTML 7Page - Synaptics Incorporated. RF210B Datasheet HTML 8Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF210(A/B)
Image-Reject Downconverter
2
Conexant
100775A
October 20, 1999
Proprietary Information and Specifications are Subject to Change
Technical Description
The RF210(A/B) dual-band, image-reject downconverters
implement the front-end functions of a dual-band super-
heterodyne receiver. These devices consist of two receive
paths, one for GSM900 and the other for DCS1800 (or
PCS1900). Each receive path contains an LNA and an image-
reject mixer. The IF and LO ports are common to both receive
paths. The image-reject mixers can provide 30 dB of image
rejection for both the GSM900 and the DCS1800 (or PCS1900)
bands without using any post-LNA image reject filters.
The LNA/mixer combination has a switchable gain. The RF210A
and RF210B both have 22 dB of gain in the high gain mode. For
the RF210A, the gain is reduced by 10 dB (GSM band) and by
8 dB (DCS/PCS band) in the low gain mode. For the RF210B,
the gain is reduced by 20 dB (GSM band) and by 16 dB
(DCS/PCS band) in the low gain mode. The gain mode is
selected using the GAINSEL pin (Pin 7). Low gain mode is
selected by driving the GAINSEL signal high; high gain mode is
selected by driving the signal low. In addition, small adjustments
of the mixer gain can be accomplished by varying the quiescent
current on the ADJMIX pin (Pin 11). This pin can be connected
to VCC or ground through resistors. The current will increase if
the pin is connected to GND and decrease if connected to VCC.
For optimal performance, this pin should be left unconnected.
The band of operation for RF210(A/B) is selected by the
BANDSEL signal on Pin 14. It switches the receive path
between GSM900 and DCS1800 (or PCS1900) bands.
The device can operate from a three-cell battery pack (2.7 V to
5.0 V). Standby mode current is extremely low at 20
µA, which
maximizes handset standby time.
The signal pin assignments and functional pin descriptions are
found in Table 1. The absolute maximum ratings of the
RF210(A/B) are provided in Table 2, the operating conditions
are specified in Table 3, and electrical specifications are
provided in Table 4. Figure 3 shows the diagram for a typical
application circuit using the RF210(A/B) downconverter. Figure
4 provides the package dimensions for the 20-pin TSSOP
device and Figure 5 provides the tape and reel dimensions.
Table 1. RF210(A/B) Signal Description
Pin #
Name
Description
Pin #
Name
Description
1
NC
No connect
11
ADJMIX
Mixer bias adjust pin
2
LNA900GND
900 MHz LNA ground
12
LOGND
LO input ground
3
BIASGND
Bias ground
13
LOIN
LO input
4
LNA900IN
900 MHz LNA input
14
BANDSEL
Band selection pin
5
BIASVCC
Bias supply
15
BYP1800
Bypass capacitor for 1800 MHz band
6
LNAVCC
LNA supply
16
IFOUT–
Mixer output (negative)
7
GAINSEL
LNA gain select
17
IFOUT+
Mixer output (positive)
8
LNA1800IN
1800 MHz LNA input
18
BYP900
Bypass capacitor for 900 MHz band
9
LNA1800GND
1800 MHz LNA ground
19
MIXGND
Mixer ground
10
ENA
Device enable (active high)
20
MIXVCC
Mixer supply
Table 2. Absolute Maximum Ratings
Parameter
Minimum
Maximum
Units
Storage Temperature
–40
+125
°C
LNA Input Power
+5
dBm
Supply Voltage (VCC)
–0.3
+6
V
Input Voltage Range
–0.3
Vcc
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com