Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTI206N Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # LTI206N
Description  200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

LTI206N Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  LTI206N Datasheet HTML 1Page - Voltage Multipliers Inc. LTI206N Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
204
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
0
5
10
15
20
25
30
25
50
75
100
125
150
Ambient Temperature (C)
200N
200FN-UFN
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
LTI202N - LTI210N • LTI202FN - LTI210FN • LTI202UFN - LTI210UFN
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
Ambient Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com