Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTI206N Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # LTI206N
Description  200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

LTI206N Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  LTI206N Datasheet HTML 1Page - Voltage Multipliers Inc. LTI206N Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
203
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
9
AC
AC
_
.140
(3.56)
.140
(3.56)
.600(15.24)
MAX.
.700
(17.78)
.380
(9.65)
6-32 X .18(4.57)
THD DP
Nickel Pltd.
Copper Base Plate
.210(5.33) (2 PL)
.420
(10.67)
.700
(17.78)
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55°C to +150°C Isolation Voltage: 2000V
200 V - 1,000 V Negative Center Tap
20.0 A - 25.0 A Forward Current
70 ns - 3000 ns Recovery Time
LTI202N - LTI210N
LTI202FN - LTI210FN
LTI202UFN - LTI210UFN
AC
AC
_
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
C
T
@
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
u C-
J
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°
N
2
0
2
I
T
L
N
6
0
2
I
T
L
N
0
1
2
I
T
L
0
0
2
0
0
6
0
0
0
1
0
.
5
2
0
.
5
2
0
.
5
2
0
.
8
1
0
.
8
1
0
.
8
1
0
.
2
0
.
2
0
.
2
0
5
0
5
0
5
3
.
1
3
.
1
3
.
1
0
.
6
0
.
6
0
.
6
0
8
0
8
0
8
0
2
0
2
0
2
0
0
0
3
0
0
0
3
0
0
0
3
5
.
1
5
.
1
5
.
1
N
F
2
0
2
I
T
L
N
F
6
0
2
I
T
L
N
F
0
1
2
I
T
L
0
0
2
0
0
6
0
0
0
1
0
.
0
2
0
.
0
2
0
.
0
2
0
.
5
1
0
.
5
1
0
.
5
1
0
.
2
0
.
2
0
.
2
0
5
0
5
0
5
7
.
1
7
.
1
7
.
1
0
.
6
0
.
6
0
.
6
0
8
0
8
0
8
0
2
0
2
0
2
0
5
1
0
5
1
0
5
1
5
.
1
5
.
1
5
.
1
N
F
U
2
0
2
I
T
L
N
F
U
6
0
2
I
T
L
N
F
U
0
1
2
I
T
L
0
0
2
0
0
6
0
0
0
1
0
.
0
2
0
.
0
2
0
.
0
2
0
.
5
1
0
.
5
1
0
.
5
1
0
.
2
0
.
2
0
.
2
0
5
0
5
0
5
7
.
1
7
.
1
7
.
1
0
.
6
0
.
6
0
.
6
0
8
0
8
0
8
0
2
0
2
0
2
0
7
0
7
0
7
5
.
1
5
.
1
5
.
1


Similar Part No. - LTI206N

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
LTI206D VMI-LTI206D Datasheet
121Kb / 2P
200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI206FD VMI-LTI206FD Datasheet
121Kb / 2P
200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI206FP VMI-LTI206FP Datasheet
121Kb / 2P
200 V - 1,000 V Positive Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI206FTD VMI-LTI206FTD Datasheet
130Kb / 2P
200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI206FTN VMI-LTI206FTN Datasheet
130Kb / 2P
200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - LTI206N

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1502A VMI-1502A Datasheet
117Kb / 2P
200 V - 1,000 V Single Phase Bridge 22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
3402B VMI-3402B Datasheet
261Kb / 2P
200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202D VMI-LTI202D Datasheet
121Kb / 2P
200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202P VMI-LTI202P Datasheet
121Kb / 2P
200 V - 1,000 V Positive Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202TD VMI-LTI202TD Datasheet
130Kb / 2P
200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202TN VMI-LTI202TN Datasheet
130Kb / 2P
200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202TP VMI-LTI202TP Datasheet
130Kb / 2P
200 V - 1,000 V Positive Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI402 VMI-LTI402 Datasheet
127Kb / 2P
200 V - 1,000 V Single Phase Bridge 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI402T VMI-LTI402T Datasheet
136Kb / 2P
200 V - 1,000 V Single Phase Bridge 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
1502B VMI-1502B Datasheet
233Kb / 2P
200 V - 1,000 V Single Phase Bridge 22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com