Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3407G Datasheet(PDF) 2 Page - Micronas

Part # MSP3407G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3407G Datasheet(HTML) 2 Page - Micronas

  MSP3407G Datasheet HTML 1Page - Micronas MSP3407G Datasheet HTML 2Page - Micronas MSP3407G Datasheet HTML 3Page - Micronas MSP3407G Datasheet HTML 4Page - Micronas MSP3407G Datasheet HTML 5Page - Micronas MSP3407G Datasheet HTML 6Page - Micronas MSP3407G Datasheet HTML 7Page - Micronas MSP3407G Datasheet HTML 8Page - Micronas MSP3407G Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
MSP 34x7G
PRELIMINARY DATA SHEET
2
Micronas
Contents
Page
Section
Title
5
1.
Introduction
6
1.1.
Features of the MSP 34x7G Family and Differences to MSPD
6
1.2.
MSP 34x7G Version List
7
1.3.
MSP 34x7G Versions and their Application Fields
8
2.
Functional Description
9
2.1.
Architecture of the MSP 34x7G Family
9
2.2.
Sound IF Processing
9
2.2.1.
Analog Sound IF Input
9
2.2.2.
Demodulator: Standards and Features
10
2.2.3.
Preprocessing of Demodulator Signals
10
2.2.4.
Automatic Sound Select
10
2.2.5.
Manual Mode
12
2.3.
Preprocessing for SCART
12
2.4.
Source Selection and Output Channel Matrix
12
2.5.
Audio Baseband Processing
12
2.5.1.
Automatic Volume Correction (AVC)
12
2.5.2.
Quasi-Peak Detector
13
2.6.
SCART Signal Routing
13
2.6.1.
SCART DSP In and SCART Out Select
13
2.6.2.
Stand-by Mode
13
2.7.
Digital Control I/O Pins and Status Change Indication
13
2.8.
Clock PLL Oscillator and Crystal Specifications
14
3.
Control Interface
14
3.1.
I2C Bus Interface
14
3.1.1.
Internal Hardware Error Handling
15
3.1.2.
Description of CONTROL Register
15
3.1.3.
Protocol Description
16
3.1.4.
Proposals for General MSP 34x7G I2C Telegrams
16
3.1.4.1.
Symbols
16
3.1.4.2.
Write Telegrams
16
3.1.4.3.
Read Telegrams
16
3.1.4.4.
Examples
16
3.2.
Start-Up Sequence: Power-Up and I2C-Controlling
16
3.3.
MSP 34x7G Programming Interface
16
3.3.1.
User Registers Overview
18
3.3.2.
Description of User Registers
19
3.3.2.1.
STANDARD SELECT Register
19
3.3.2.2.
Refresh of STANDARD SELECT Register
19
3.3.2.3.
STANDARD RESULT Register
21
3.3.2.4.
Write Registers on I2C Subaddress 10hex
22
3.3.2.5.
Read Registers on I2C Subaddress 11hex
23
3.3.2.6.
Write Registers on I2C Subaddress 12hex
29
3.3.2.7.
Read Registers on I2C Subaddress 13hex
30
3.4.
Programming Tips
30
3.5.
Examples of Minimum Initialization Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com