Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3407G Datasheet(PDF) 21 Page - Micronas

Part # MSP3407G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3407G Datasheet(HTML) 21 Page - Micronas

Back Button MSP3407G Datasheet HTML 17Page - Micronas MSP3407G Datasheet HTML 18Page - Micronas MSP3407G Datasheet HTML 19Page - Micronas MSP3407G Datasheet HTML 20Page - Micronas MSP3407G Datasheet HTML 21Page - Micronas MSP3407G Datasheet HTML 22Page - Micronas MSP3407G Datasheet HTML 23Page - Micronas MSP3407G Datasheet HTML 24Page - Micronas MSP3407G Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
21
3.3.2.4. Write Registers on I2C Subaddress 10hex
Table 3–9: Write registers on I2C subaddress 10hex
Register
Address
Function
Name
00 20hex
STANDARD SELECTION Register
Defines TV-Sound or FM-Radio Standard
bit[15:0]
00 01hex start Automatic Standard Detection
00 02hex MSP Standard Codes (see Table 3–7)
...
00 51hex
STANDARD_SEL
00 30hex
MODUS Register
Preference in Automatic Standard Detection:
bit[15]
0
undefined, must be 0
bit[14:13]
detected 4.5 MHz carrier is interpreted as:1)
0
standard M (Korea)
1
standard M (BTSC)
2
standard M (Japan)
3
chroma carrier (M/N standards are ignored)
bit[12]
detected 6.5 MHz carrier is interpreted as:1)
0
standard L (SECAM)
1
standard D/K1, D/K2, D/K3, or D/K NICAM
General MSP 34x7G Options
bit[11:4]
0
undefined, must be 0
bit[3]
state of digital output pins D_CTR_I/O_0 and _1
0
active: D_CTR_I/O_0 and _1 are output pins
(can be set by means of the ACB register.
see also: MODUS[1])
1
tristate: D_CTR_I/O_0 and _1 are input pins
(level can be read out of STATUS[4,3])
bit[2]
0
undefined, must be 0
bit[1]
0/1
disable/enable STATUS change indication by means of
the digital I/O pin D_CTR_I/O_1
Necessary condition: MODUS[3] = 0 (active)
bit[0]
0/1
off/on: Automatic Sound Select
MODUS
1) Valid at the next start of Automatic Standard Detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com