Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9992 Datasheet HTML 84Page - Analog Devices AD9992 Datasheet HTML 85Page - Analog Devices AD9992 Datasheet HTML 86Page - Analog Devices AD9992 Datasheet HTML 87Page - Analog Devices AD9992 Datasheet HTML 88Page - Analog Devices AD9992 Datasheet HTML 89Page - Analog Devices AD9992 Datasheet HTML 90Page - Analog Devices AD9992 Datasheet HTML 91Page - Analog Devices AD9992 Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
AD9992
Rev. C | Page 89 of 92
Address
Data
Bits
Default
Value
Update
Type
Mnemonic
Description
0x09
[4:0]
X
SCP
VPATSELA
Selected VPAT group for Group A, from VPAT Group 0 to Group 31.
[9:5]
X
VPATSELB
Selected VPAT group for Group B, from VPAT Group 0 to Group 31.
[14:10]
X
VPATSELC
Selected VPAT group for Group C, from VPAT Group 0 to Group 31.
[19:15]
X
VPATSELD
Selected VPAT group for Group D, from VPAT Group 0 to Group 31.
0x0A
[12:0]
X
SCP
VSTARTA
Start position of selected V-Pattern Group A.
[25:13]
X
VLENA
Length of selected V-Pattern Group A.
0x0B
[12:0]
X
SCP
VREPA_1
Number of repetitions for V-Pattern Group A for first lines.
[25:13]
X
VREPA_2
Number of repetitions for V-Pattern Group A for second lines.
0x0C
[12:0]
X
SCP
VREPA_3
Number of repetitions for V-Pattern Group A for third lines.
[25:13]
X
VREPA_4
Number of repetitions for V-Pattern Group A for fourth lines.
0x0D
[12:0]
X
SCP
VSTARTB
Start position of selected V-Pattern Group B.
[25:13]
X
VLENB
Length of selected V-Pattern Group B.
0x0E
[12:0]
X
SCP
VREPB_ODD
Number of repetitions for V-Pattern Group B for odd lines.
[25:13]
X
VREPB_EVEN
Number of repetitions for V-Pattern Group B for even lines.
0x0F
[12:0]
X
SCP
VSTARTC
Start position of selected V-Pattern Group C.
[25:13]
X
VLENC
Length of selected V-Pattern Group C.
0x10
[12:0]
X
SCP
VREPC_ODD
Number of repetitions for V-Pattern Group C for odd lines.
[25:13]
X
VREPC_EVEN
Number of repetitions for V-Pattern Group C for even lines.
0x11
[12:0]
X
SCP
VSTARTD
Start position of selected V-Pattern Group D.
[25:13]
X
VLEND
Length of selected V-Pattern Group D.
0x12
[12:0]
X
SCP
VREPD_ODD
Number of repetitions for V-Pattern Group D for odd lines.
[25:13]
X
VREPD_EVEN
Number of repetitions for V-Pattern Group D for even lines.
0x13
[12:0]
X
SCP
FREEZE1
Holds the V-outputs at their current levels.
[25:13]
X
RESUME1
Resumes the operation of V-outputs to finish the pattern.
0x14
[12:0]
X
SCP
FREEZE2
Holds the V-outputs at their current levels.
[25:13]
X
RESUME2
Resumes the operation of V-outputs to finish the pattern.
0x15
[12:0]
X
SCP
FREEZE3
Holds the V-outputs at their current levels.
[25:13]
X
RESUME3
Resumes the operation of V-outputs to finish the pattern.
0x16
[12:0]
X
SCP
FREEZE4
Holds the V-outputs at their current levels.
[25:13]
X
RESUME4
Resumes the operation of V-outputs to finish the pattern.
0x17
[12:0]
X
SCP
HBLKSTART
Start location for HBLK in HBLK Mode 1 and HBLK Mode 2.
[25:13]
X
HBLKEND
End location for HBLK in HBLK Mode 1 and HBLK Mode 2.
0x18
[12:0]
X
SCP
HBLKLEN
HBLK length in HBLK Mode 1 and HBLK Mode 2.
[20:13]
X
HBLKREP
Number of HBLK repetitions in HBLK Mode 1 and HBLK Mode 2.
[21]
X
HBLKMASK_H1
Masking polarity for H1/H3/H5/H7 during HBLK.
[22]
X
HBLKMASK_H2
Masking polarity for H2/H4/H6/H8 during HBLK.
[23]
X
HBLKMASK_HL
Masking polarity for HL during HBLK.
[25:24]
X
TEST
Test mode only. Set to 0.
0x19
[12:0]
X
SCP
HBLKTOGO1
First HBLK toggle position for odd lines, or RA0H1REPA/B/C in HBLK Mode 2
(see the HBLK Mode 2 Operation section for more information).
[25:13]
X
HBLKTOGO2
Second HBLK toggle position for odd lines, or RA1H1REPA/B/C.
0x1A
[12:0]
X
SCP
HBLKTOGO3
Third HBLK toggle position for odd lines, or RA2H1REPA/B/C.
[25:13]
X
HBLKTOGO4
Fourth HBLK toggle position for odd lines, or RA3H1REPA/B/C.
0x1B
[12:0]
X
SCP
HBLKTOGO5
Fifth HBLK toggle position for odd lines, or RA4H1REPA/B/C.
[25:13]
X
HBLKTOGO6
Sixth HBLK toggle position for odd lines, or RA5H1REPA/B/C.
0x1C
[12:0]
X
SCP
HBLKTOGE1
First HBLK toggle position for even lines, or RA0H2REPA/B/C.
[25:13]
X
HBLKTOGE2
Second HBLK toggle position for even lines, or RA1H2REPA/B/C.
0x1D
[12:0]
X
SCP
HBLKTOGE3
Third HBLK toggle position for even lines, or RA2H2REPA/B/C.
[25:13]
X
HBLKTOGE4
Fourth HBLK toggle position for even lines, or RA3H2REPA/B/C.
0x1E
[12:0]
X
SCP
HBLKTOGE5
Fifth HBLK toggle position for even lines, or RA4H2REPA/B/C.
[25:13]
X
HBLKTOGE6
Sixth HBLK toggle position for even lines, or RA5H2REPA/B/C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com