Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9992 Datasheet HTML 9Page - Analog Devices AD9992 Datasheet HTML 10Page - Analog Devices AD9992 Datasheet HTML 11Page - Analog Devices AD9992 Datasheet HTML 12Page - Analog Devices AD9992 Datasheet HTML 13Page - Analog Devices AD9992 Datasheet HTML 14Page - Analog Devices AD9992 Datasheet HTML 15Page - Analog Devices AD9992 Datasheet HTML 16Page - Analog Devices AD9992 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
AD9992
Rev. C | Page 13 of 92
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Therefore,
every code must have a finite width. No missing codes
guaranteed to 12-bit resolution indicates that all 4096 codes
must be present over all operating conditions.
Peak Nonlinearity
Peak nonlinearity, a full signal chain specification, refers to the
peak deviation of the output of the AD9992 from a true straight
line. The point used as zero scale occurs 0.5 LSB before the first
code transition. Positive full scale is defined as a level 1 LSB and
0.5 LSB beyond the last code transition. The deviation is measured
from the middle of each particular output code to the true straight
line. The error is then expressed as a percentage of the 2 V ADC
full-scale signal. The input signal is always appropriately amplified
to fill the full-scale range of the ADC.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be con-
verted to an equivalent voltage using the relationship
1 LSB = (ADC Full Scale/2n Codes)
where n is the bit resolution of the ADC. For the AD9992, 1 LSB
is 0.488 mV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins. The PSR specification is calculated from the change in
data outputs for a given step change in the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com