Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4922-1ACPZ-R2
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4922-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4922-1
Rev. 0 | Page 4 of 20
VS = ±5 V, TA = 25°C, RL = 1 kΩ, DIS = HIGH, CL = 3 pF, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +2, VO = 0.2 V p-p, differential
36
40.5
MHz
G = +2, VO = 12 V p-p, differential
6.5
13.5
MHz
Overdrive Recovery Time
+Recovery/−Recovery
200/670
ns
Slew Rate
VO, dm = 2 V step
220
V/μs
VO, dm = 12 V step
350
V/μs
Settling Time to 0.01%
VO, dm = 12 V step
200
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion
fC = 5 kHz, VO = 12 V p-p, RL = 2 kΩ, HD2/HD3
−102/−108
dBc
fC = 100 kHz, VO = 12 V p-p, RL = 2 kΩ, HD2/HD3
−101/−98
dBc
Differential Output Voltage Noise
f = 100 kHz
12
nV/√Hz
Input Current Noise
f = 100 kHz
1.4
pA/√Hz
DC PERFORMANCE
Differential Output Offset Voltage
0.4
1.2
mV
Differential Output Offset Voltage Drift
12
μV/°C
Input Bias Current
2.0
3.5
μA
Gain
2
V/V
Gain Error
−0.05
%
Gain Error Drift
0.0002
%/°C
INPUT CHARACTERISTICS
Input Resistance
11
MΩ
Input Capacitance
1
pF
Input Voltage Range
±3.6
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each single-ended output, RL = 1 kΩ
±3.55
±3.6
V
DC Output Current
40
mA
Capacitive Load Drive
30% overshoot
20
pF
POWER SUPPLY
Operating Range
5
26
V
Quiescent Current
7.0
7.6
mA
Quiescent Current (Disabled)
0.7
1.6
mA
Power Supply Rejection Ratio (PSRR)
−PSRR
−93
−82
dB
+PSRR
−91
−83
dB
DISABLE
DIS Input Voltage
Disabled
≤ −4
V
Enabled
≥ −2
V
Turn-Off Time
160
μs
Turn-On Time
78
ns
DIS Bias Current
Enabled
DIS = −2 V
41
μA
Disabled
DIS = −4 V
49
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com