Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4922-1ACPZ-R2
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4922-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4922-1
Rev. 0 | Page 9 of 20
–84
–120
FREQUENCY (kHz)
1
10
100
–87
–90
–93
–102
–99
–96
–105
–108
–111
–114
–117
SECOND HARMONIC
THIRD HARMONIC
RL = 2kΩ
VS = ±12V, VO, dm = 40V p-p
VS = ±5V, VO, dm = 12V p-p
Figure 17. Harmonic Distortion for Various Power Supplies
–60
–140
47
OUTPUT AMPLITUDE (V p-p)
7
222
17
12
42
37
32
27
–70
–80
–90
–120
–100
–130
–110
SECOND HARMONIC
THIRD HARMONIC
RL = 2kΩ
VS = ±12V
VS = ±5V
Figure 18. Harmonic Distortion vs. Output Amplitude and
Supply Voltage (f =10 kHz)
0
–100
FREQUENCY (MHz)
0.001
0.01
100
1
0.1
10
–10
–20
–70
–60
–40
–30
–80
–90
–50
–PSRR
+PSRR
Figure 19. PSRR vs. Frequency
–84
–120
FREQUENCY (kHz)
1
100
10
–87
–90
–93
–111
–108
–102
–99
–96
–114
–117
–105
SECOND HARMONIC
THIRD HARMONIC
VS = ±12V
VO, dm = 40V p-p
RL = 600Ω
RL = 1kΩ
RL = 2kΩ
Figure 20. Harmonic Distortion for Various Loads
100
0.01
0.001
100
FREQUENCY (MHz)
0.01
0.1
1
10
0.1
1
10
VON
VS = ±5V
VOP
VS = ±5V
VOP
VS = ±12V
VON
VS = ±12V
Figure 21. Single-Ended Output Impedance vs. Frequency and Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com