Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP341 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP341
Description  Dual Comparators with 400mV Reference and programmable Hysteresis
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP341 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP341 Datasheet HTML 1Page - Analog Devices ADCMP341 Datasheet HTML 2Page - Analog Devices ADCMP341 Datasheet HTML 3Page - Analog Devices ADCMP341 Datasheet HTML 4Page - Analog Devices ADCMP341 Datasheet HTML 5Page - Analog Devices ADCMP341 Datasheet HTML 6Page - Analog Devices ADCMP341 Datasheet HTML 7Page - Analog Devices ADCMP341 Datasheet HTML 8Page - Analog Devices ADCMP341 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Dual Comparators with 400mV Reference
and programmable Hysteresis
Preliminary Technical Data
ADCMP341/ADCMP343
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low Quiescent Current: 6.5
µA Typ
Supply Range: 1.7V to 5.5V
400mV Reference ±0.8% Accuracy Over Temperature
Input Range Includes Ground
User programmable Hysteresis via resistor string
Low Input Bias Current: ±10nA Max
Open drain outputs with 40mA Typical Sink Current
Supports Wired-AND Connections
Input Polarities:
ADCMP341 noninverting
ADCMP343 inverting
Small SOT-23 Package
APPLICATIONS
Battery-Powered System Monitoring
Threshold Detectors
Relay Driving
Optoisolator Driving
Handheld Instruments
GENERAL DESCRIPTION
The ADCMP341/ADCMP343 combine two low power, low
voltage comparators with a 400mV reference in the 5-lead
SOT-23 package. Operating within a supply range of 1.7V to
5.5V, the devices only draw 6.5µA typical, making them ideal
for low voltage system monitoring and portable applications.
Hysteresis is determined using three resistors in a string
configuration with the upper and lower tap points connected to
the INA_U and INA_L pins of each comparator respectively.
The state of the comparators output internally selects which pin
is connected to the comparator inputs. So a change of state in
the comparator output will result in one of the inputs being
switched in to the comparator and the other being switched
out. This will provide the user with a fully flexible and simple
method of setting the hysteresis. Although there are two pins
available on each comparator, there is only actually one input
available externally at any one time, the other inputs are
connected internally to the reference.
The comparator outputs are open drain with the output stage
sinking capability guaranteed greater than 5mA over
temperature. The ADCMP341 have noninverting inputs and
the ADCMP343 have inverting inputs. Available in
commercial, industrial and automotive temperature ranges.
FUNCTIONAL BLOCK DIAGRAM
GND
VS
OUTA
400mV
OUTB
VINA
INA_U
INA_L
VINB
INB_U
INB_L
ADCMP341
GND
VS
OUTA
400mV
OUTB
VINA
INA_U
INA_L
VINB
INB_U
INB_L
ADCMP343
Figure 1


Similar Part No. - ADCMP341

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP341 AD-ADCMP341 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
ADCMP341YRJZ-REEL7 AD-ADCMP341YRJZ-REEL7 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
More results

Similar Description - ADCMP341

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
logo
Analog Devices
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
Single Comparator with 400mV Reference and Dual Polarity Outputs
ADCMP670 AD-ADCMP670 Datasheet
121Kb / 14P
Dual Comparators with 400mV Reference
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
Comparator with 1.25% Reference and Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com