Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP341ARJ Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP341ARJ
Description  Dual Comparators with 400mV Reference and programmable Hysteresis
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP341ARJ Datasheet(HTML) 5 Page - Analog Devices

  ADCMP341ARJ Datasheet HTML 1Page - Analog Devices ADCMP341ARJ Datasheet HTML 2Page - Analog Devices ADCMP341ARJ Datasheet HTML 3Page - Analog Devices ADCMP341ARJ Datasheet HTML 4Page - Analog Devices ADCMP341ARJ Datasheet HTML 5Page - Analog Devices ADCMP341ARJ Datasheet HTML 6Page - Analog Devices ADCMP341ARJ Datasheet HTML 7Page - Analog Devices ADCMP341ARJ Datasheet HTML 8Page - Analog Devices ADCMP341ARJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary Technical Data
ADCMP341/ADCMP343
Rev. PrD | Page 5 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
6
8
OUTB
GND
OUTA
ADCMP341
3
+INA_L
7
Vs
4
+INA_U
5 +INB_L
+INB_U
1
2
6
8
OUTB
GND
OUTA
ADCMP343
3
-INA_L
7
Vs
4
-INA_U
5 -INB_L
-INB_U
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTA
Open Drain Output for comparator A. Capable of sinking up to 40mA of current.
2
INA_U
Monitors Analog Input Voltage on comparator A. Connect to the upper tap point of the resistor string.
Connected internally to the noninverting input on the ADCMP341 or the inverting pin on the ADCMP343
via mux controlled by output level on comparator A. The other input of comparator A is connected to a
400mV reference.
3
INA_L
Monitors Analog Input Voltage on comparator A. Connect to the lower tap point of the resistor string.
Connected internally to the noninverting input on the ADCMP341 or the inverting pin on the ADCMP343
via mux controlled by output level on comparator A. The other input of comparator A is connected to a
400mV reference.
4
GND
Ground
5
INB_L
Monitors Analog Input Voltage on comparator B. Connect to the lower tap point of the resistor string.
Connected internally to the noninverting input on the ADCMP341 or the inverting pin on the ADCMP343
via mux controlled by output level on comparator B. The other input of comparator B is connected to a
400mV reference.
6
INB_U
Monitors Analog Input Voltage on comparator B. Connect to the upper tap point of the resistor string.
Connected internally to the noninverting input on the ADCMP341 or the inverting pin on the ADCMP343
via mux controlled by output level on comparator B. The other input of comparator B is connected to a
400mV reference.
7
Vs
Power Supply. Operates from 1.7V to 5.5V.
8
OUTB
Open Drain Output for comparator B. Capable of sinking up to 40mA of current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com