Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP341ARJ Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP341ARJ
Description  Dual Comparators with 400mV Reference and programmable Hysteresis
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP341ARJ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP341ARJ Datasheet HTML 5Page - Analog Devices ADCMP341ARJ Datasheet HTML 6Page - Analog Devices ADCMP341ARJ Datasheet HTML 7Page - Analog Devices ADCMP341ARJ Datasheet HTML 8Page - Analog Devices ADCMP341ARJ Datasheet HTML 9Page - Analog Devices ADCMP341ARJ Datasheet HTML 10Page - Analog Devices ADCMP341ARJ Datasheet HTML 11Page - Analog Devices ADCMP341ARJ Datasheet HTML 12Page - Analog Devices ADCMP341ARJ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ADCMP341/ADCMP343
Preliminary Technical Data
Rev. PrD | Page 12 of 13
OUTLINE DIMENSIONS
13
5
6
2
8
4
7
2.90 BSC
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.22
0.08
0.60
0.45
0.30
2.80 BSC
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-BA
Figure 31. . 8-Lead SOT-23 Package (RJ-8)—Dimensions shown in millimeters
ORDERING GUIDE
Table 4.
Model
Temperature Range
Package Description
Branding
Package Outline
ADCMP341ARJ
–40°C to +125°C
SOT-23, 8 lead
RJ-8
ADCMP343ARJ
–40°C to +125°C
SOT-23, 8 lead
RJ-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com