Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP600BKJZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP600BKJZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP600BKJZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP600BKJZ Datasheet HTML 7Page - Analog Devices ADCMP600BKJZ Datasheet HTML 8Page - Analog Devices ADCMP600BKJZ Datasheet HTML 9Page - Analog Devices ADCMP600BKJZ Datasheet HTML 10Page - Analog Devices ADCMP600BKJZ Datasheet HTML 11Page - Analog Devices ADCMP600BKJZ Datasheet HTML 12Page - Analog Devices ADCMP600BKJZ Datasheet HTML 13Page - Analog Devices ADCMP600BKJZ Datasheet HTML 14Page - Analog Devices ADCMP600BKJZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 11 of 16
Q/Q OUTPUT
INPUT VOLTAGE
10V/ns
1V/ns
DISPERSION
VN ± VOS
OPTIMIZING PERFORMANCE
As with any high speed comparator, proper design and layout
techniques are essential for obtaining the specified performance.
Stray capacitance, inductance, inductive power and ground
impedances, or other layout issues can severely limit performance
and often cause oscillation. Large discontinuities along input
and output transmission lines can also limit the specified pulse-
width dispersion performance. The source impedance should
be minimized as much as is practicable. High source impedance,
in combination with the parasitic input capacitance of the
comparator, causes an undesirable degradation in bandwidth at
the input, thus degrading the overall response. Thermal noise
from large resistances can easily cause extra jitter with slowly
slewing input signals; higher impedances encourage undesired
coupling.
Figure 19. Propagation Delay—Slew Rate Dispersion
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often desirable in a
noisy environment, or when the differential input amplitudes
are relatively small or slow moving. Figure 20 shows the transfer
function for a comparator with hysteresis. As the input voltage
approaches the threshold (0.0 V, in this example) from below
the threshold region in a positive direction, the comparator
switches from low to high when the input crosses +VH/2, and the
new switching threshold becomes −VH/2. The comparator remains
in the high state until the new threshold, −VH/2, is crossed from
below the threshold region in a negative direction. In this manner,
noise or feedback output signals centered on 0.0 V input cannot
cause the comparator to switch states unless it exceeds the region
bounded by ±VH/2.
COMPARATOR PROPAGATION DELAY
DISPERSION
The ADCMP600/ADCMP601/ADCMP602 comparators are
designed to reduce propagation delay dispersion over a wide
input overdrive range. Propagation delay dispersion is the
variation in propagation delay that results from a change in the
degree of overdrive or slew rate (that is, how far or how fast the
input signal exceeds the switching threshold).
Propagation delay dispersion is a specification that becomes
important in high speed, time-critical applications, such as data
communication, automatic test and measurement, and instru-
mentation. It is also important in event-driven applications, such
as pulse spectroscopy, nuclear instrumentation, and medical
imaging. Dispersion is defined as the variation in propagation
delay as the input overdrive conditions are changed (Figure 18
and Figure 19).
OUTPUT
INPUT
0
VOL
VOH
+VH
2
–VH
2
The device dispersion is typically < 2 ns as the overdrive varies
from 10 mV to 125 mV. This specification applies to both
positive and negative signals because the device has very closely
matched delays both positive-going and negative-going inputs.
Q/Q OUTPUT
INPUT VOLTAGE
500mV OVERDRIVE
10mV OVERDRIVE
DISPERSION
VN ± VOS
Figure 20. Comparator Hysteresis Transfer Function
The customary technique for introducing hysteresis into a
comparator uses positive feedback from the output back to the
input. One limitation of this approach is that the amount of
hysteresis varies with the output logic levels, resulting in
hysteresis that is not symmetric about the threshold. The
external feedback network can also introduce significant
parasitics that reduce high speed performance and induce
oscillation in some cases.
Figure 18. Propagation Delay—Overdrive Dispersion
These ADCMP600 features a fixed hysteresis of approximately
2 mV. The ADCMP601 and ADCMP602 comparators offer a
programmable Hysteresis feature that can significantly improve
accuracy and stability. Connecting an external pull-down
resistor or a current source from the LE/HYS pin to GND,
varies the amount of hysteresis in a predictable, stable manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com