Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP600BKJZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADCMP600BKJZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP600BKJZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCMP600BKJZ Datasheet HTML 8Page - Analog Devices ADCMP600BKJZ Datasheet HTML 9Page - Analog Devices ADCMP600BKJZ Datasheet HTML 10Page - Analog Devices ADCMP600BKJZ Datasheet HTML 11Page - Analog Devices ADCMP600BKJZ Datasheet HTML 12Page - Analog Devices ADCMP600BKJZ Datasheet HTML 13Page - Analog Devices ADCMP600BKJZ Datasheet HTML 14Page - Analog Devices ADCMP600BKJZ Datasheet HTML 15Page - Analog Devices ADCMP600BKJZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AA
0.30
0.15
0.10 MAX
1.00
0.90
0.70
0.46
0.36
0.26
SEATING
PLANE
0.22
0.08
1.10
0.80
4
5
12
3
PIN 1
0.65 BSC
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 COPLANARITY
0.40
0.10
COMPLIANT TO JEDEC STANDARDS MO-203-AB
0.22
0.08
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
4
5
6
3
2
1
PIN 1
0.65 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
0.40
0.10
1.10
0.80
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.46
0.36
0.26
Figure 27. 5-Lead Thin Shrink Small Outline Transistor Package (SC70)
(KS-5)
Dimensions shown in millimeters
Figure 29. 6-Lead Thin Shrink Small Outline Transistor Package (SC70)
(KS-6)
Dimensions shown in millimeters
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
5
12
3
4
0.22
0.08
10°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-AA
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure 28. 5-Lead Small Outline Transistor Package (SOT-23)
(RJ-5)
Dimensions shown in millimeters
Figure 30. 8-Lead Mini Small Outline Package (MSOP)
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADCMP600BRJZ-R21
−40°C to +125°C
5-Lead SOT23
RJ-5
G0C
ADCMP600BRJZ-RL1
−40°C to +125°C
5-Lead SOT23
RJ-5
G0C
ADCMP600BRJZ-REEL71
−40°C to +125°C
5-Lead SOT23
RJ-5
G0C
ADCMP600BKSZ-R21
−40°C to +125°C
5-Lead SC70
KS-5
G0C
ADCMP600BKSZ-RL1
−40°C to +125°C
5-Lead SC70
KS-6
G0C
ADCMP600BKSZ-REEL71
−40°C to +125°C
5-Lead SC70
KS-6
G0C
ADCMP601BKSZ-R21
−40°C to +125°C
6-Lead SC70
KS-6
G0N
ADCMP601BKSZ-RL1
−40°C to +125°C
6-Lead SC70
KS-6
G0N
ADCMP601BKSZ-REEL71
−40°C to +125°C
6-Lead SC70
KS-6
G0N
ADCMP602BRMZ1
−40°C to +125°C
8-Lead MSOP
RM-8
GF
ADCMP602BRMZ-REEL1
−40°C to +125°C
8-Lead MSOP
RM-8
GF
ADCMP602BRMZ-REEL71
−40°C to +125°C
8-Lead MSOP
RM-8
GF
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com