Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169F16 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7169F16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169F16 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7169F16 Datasheet HTML 2Page - Analog Devices ADE7169F16 Datasheet HTML 3Page - Analog Devices ADE7169F16 Datasheet HTML 4Page - Analog Devices ADE7169F16 Datasheet HTML 5Page - Analog Devices ADE7169F16 Datasheet HTML 6Page - Analog Devices ADE7169F16 Datasheet HTML 7Page - Analog Devices ADE7169F16 Datasheet HTML 8Page - Analog Devices ADE7169F16 Datasheet HTML 9Page - Analog Devices ADE7169F16 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
ADE7169F16
Preliminary Technical Data
Rev. PrD | Page 6 of 140
Mode 2 (9- bit UART with baud fixed at Fcore/64 or Fcore/32)
................................................................................................. 119
Mode 3 (9-Bit UART with Variable Baud Rate)............... 120
UART Baud Rate Generation.................................................. 120
Mode 0 Baud Rate Generation ........................................... 120
Mode 2 Baud Rate Generation ........................................... 120
Modes 1 and 3 Baud Rate Generation ............................... 120
Timer 1 Generated Baud Rates........................................... 120
Timer 2 Generated Baud Rates........................................... 120
UART Timer Generated Baud Rates.................................. 121
UART additional features........................................................ 122
Enhanced Error Checking................................................... 122
UART TxD signal modulation ........................................... 122
Serial Peripheral Interface Interface (SPI)................................. 123
SPI SFR register list .................................................................. 123
SPI pins ...................................................................................... 126
MISO (Master In, Slave Out Data I/O Pin) ...................... 126
MOSI (Master Out, Slave In Pin)....................................... 126
SCLK (Serial Clock I/O Pin)............................................... 126
SS (Slave Select Pin) ............................................................. 126
SPI Master Operating Modes.................................................. 126
SPI Interrupt and Status Flags ................................................ 127
I2C COMPATIBLE INTERFACE ............................................... 129
Serial Clock Generation .......................................................... 129
Slave addresses.......................................................................... 129
I2C SFR register list.................................................................. 129
Read and Write Operations .................................................... 130
I2C Receive and Transmit FIFOs ........................................... 131
Dual Data Pointers ....................................................................... 132
I/O Ports ........................................................................................ 134
Parallel I/O ................................................................................ 134
Weak Internal Pullups Enabled.......................................... 134
Open Drain (Weak Internal Pullups Disabled) ............... 134
38 kHz Modulation .............................................................. 134
I/O SFR register list.................................................................. 135
Port 0.......................................................................................... 137
Port 1.......................................................................................... 138
Port 2.......................................................................................... 138
Outline Dimensions ..................................................................... 139
Ordering Guide............................................................................. 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com